Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 103 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 103 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 99Page - Altera Corporation EP3SL70 Datasheet HTML 100Page - Altera Corporation EP3SL70 Datasheet HTML 101Page - Altera Corporation EP3SL70 Datasheet HTML 102Page - Altera Corporation EP3SL70 Datasheet HTML 103Page - Altera Corporation EP3SL70 Datasheet HTML 104Page - Altera Corporation EP3SL70 Datasheet HTML 105Page - Altera Corporation EP3SL70 Datasheet HTML 106Page - Altera Corporation EP3SL70 Datasheet HTML 107Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–93
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–60 lists the EP3SL70 row pin delay adders when using the regional clock.
EP3SL110 I/O Timing Parameters
Table 1–61 through Table 1–65 list the maximum I/O timing parameters for EP3SL110
devices for single-ended I/O standards.
Table 1–61 lists the EP3SL110 column pins input timing parameters for single-ended
I/O standards.
Table 1–60. EP3SL70 Row Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
0.111
0.123
0.177
0.192
0.207
0.198
0.263
0.194
0.212
0.201
0.266
ns
RCLK PLL input adder
0.099
0.105
0.156
0.175
0.195
0.185
0.263
0.177
0.195
0.188
0.263
ns
RCLK output adder
-0.113
-0.127
-0.183 -0.198 -0.213 -0.205 -0.272 -0.202 -0.216
-0.21
-0.273
ns
RCLK PLL output adder
-0.107
-0.112
-0.164 -0.185 -0.202 -0.193 -0.258 -0.184 -0.204 -0.197 -0.257
ns
Table 1–61. EP3SL110 Column Pins Input Timing Parameters (Part 1 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V LVTTL
GCLK
t
su
-0.917
-0.917
-1.333 -1.452 -1.682 -1.627 -1.980 -1.452 -1.682 -1.627
-1.980
ns
t
h
1.053
1.053
1.524
1.667
1.918
1.850
2.205
1.667
1.918
1.850
2.205
ns
GCLK
PLL
t
su
-1.234
-1.176
-1.704 -1.940 -2.210 -2.135 -2.470 -1.940 -2.210 -2.135
-2.470
ns
t
h
1.512
1.460
2.116
2.394
2.710
2.610
2.971
2.394
2.710
2.610
2.971
ns
3.3-V
LVCMOS
GCLK
t
su
-0.917
-0.917
-1.333 -1.452 -1.682 -1.627 -1.980 -1.452 -1.682 -1.627
-1.980
ns
t
h
1.053
1.053
1.524
1.667
1.918
1.850
2.205
1.667
1.918
1.850
2.205
ns
GCLK
PLL
t
su
-1.234
-1.176
-1.704 -1.940 -2.210 -2.135 -2.470 -1.940 -2.210 -2.135
-2.470
ns
t
h
1.512
1.460
2.116
2.394
2.710
2.610
2.971
2.394
2.710
2.610
2.971
ns
3.0-V LVTTL
GCLK
t
su
-0.928
-0.928
-1.332 -1.454 -1.681 -1.626 -1.979 -1.454 -1.681 -1.626
-1.979
ns
t
h
1.064
1.064
1.523
1.669
1.917
1.849
2.204
1.669
1.917
1.849
2.204
ns
GCLK
PLL
t
su
-1.245
-1.187
-1.703 -1.942 -2.209 -2.134 -2.469 -1.942 -2.209 -2.134
-2.469
ns
t
h
1.523
1.471
2.115
2.396
2.709
2.609
2.970
2.396
2.709
2.609
2.970
ns
3.0-V
LVCMOS
GCLK
t
su
-0.928
-0.928
-1.332 -1.454 -1.681 -1.626 -1.979 -1.454 -1.681 -1.626
-1.979
ns
t
h
1.064
1.064
1.523
1.669
1.917
1.849
2.204
1.669
1.917
1.849
2.204
ns
GCLK
PLL
t
su
-1.245
-1.187
-1.703 -1.942 -2.209 -2.134 -2.469 -1.942 -2.209 -2.134
-2.469
ns
t
h
1.523
1.471
2.115
2.396
2.709
2.609
2.970
2.396
2.709
2.609
2.970
ns
2.5 V
GCLK
t
su
-0.923
-0.923
-1.341 -1.466 -1.700 -1.645 -1.998 -1.466 -1.700 -1.645
-1.998
ns
t
h
1.059
1.059
1.532
1.681
1.936
1.868
2.223
1.681
1.936
1.868
2.223
ns
GCLK
PLL
t
su
-1.240
-1.182
-1.712 -1.954 -2.228 -2.153 -2.488 -1.954 -2.228 -2.153
-2.488
ns
t
h
1.518
1.466
2.124
2.408
2.728
2.628
2.989
2.408
2.728
2.628
2.989
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com