Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 107 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 107 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 103Page - Altera Corporation EP3SL70 Datasheet HTML 104Page - Altera Corporation EP3SL70 Datasheet HTML 105Page - Altera Corporation EP3SL70 Datasheet HTML 106Page - Altera Corporation EP3SL70 Datasheet HTML 107Page - Altera Corporation EP3SL70 Datasheet HTML 108Page - Altera Corporation EP3SL70 Datasheet HTML 109Page - Altera Corporation EP3SL70 Datasheet HTML 110Page - Altera Corporation EP3SL70 Datasheet HTML 111Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–97
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-2
CLASS I
GCLK
t
su
-0.847
-0.828
-1.172 -1.346 -1.357 -1.402 -1.641 -1.361 -1.349 -1.403 -1.679
ns
t
h
0.963
0.961
1.360
1.553
1.590
1.620
1.864
1.578
1.592
1.629
1.902
ns
GCLK
PLL
t
su
1.055
1.067
1.726
1.957
2.178
2.062
2.006
1.974
2.200
2.082
2.058
ns
t
h
-0.803
-0.799
-1.326 -1.507 -1.677 -1.590 -1.524 -1.515 -1.688 -1.600 -1.573
ns
SSTL-2
CLASS II
GCLK
t
su
-0.847
-0.828
-1.172 -1.346 -1.357 -1.402 -1.641 -1.361 -1.349 -1.403 -1.679
ns
t
h
0.963
0.961
1.360
1.553
1.590
1.620
1.864
1.578
1.592
1.629
1.902
ns
GCLK
PLL
t
su
1.055
1.067
1.726
1.957
2.178
2.062
2.006
1.974
2.200
2.082
2.058
ns
t
h
-0.803
-0.799
-1.326 -1.507 -1.677 -1.590 -1.524 -1.515 -1.688 -1.600 -1.573
ns
SSTL-18
CLASS I
GCLK
t
su
-0.777
-0.819
-1.157 -1.244 -1.346 -1.300 -1.630 -1.246 -1.343 -1.300 -1.672
ns
t
h
0.894
0.952
1.345
1.452
1.576
1.519
1.849
1.463
1.583
1.529
1.891
ns
GCLK
PLL
t
su
1.064
1.076
1.741
1.975
2.192
2.077
2.019
1.988
2.209
2.092
2.067
ns
t
h
-0.812
-0.808
-1.341 -1.527 -1.693 -1.606 -1.541 -1.531 -1.700 -1.611 -1.586
ns
SSTL-18
CLASS II
GCLK
t
su
-0.777
-0.819
-1.157 -1.244 -1.346 -1.300 -1.630 -1.246 -1.343 -1.300 -1.672
ns
t
h
0.894
0.952
1.345
1.452
1.576
1.519
1.849
1.463
1.583
1.529
1.891
ns
GCLK
PLL
t
su
1.064
1.076
1.741
1.975
2.192
2.077
2.019
1.988
2.209
2.092
2.067
ns
t
h
-0.812
-0.808
-1.341 -1.527 -1.693 -1.606 -1.541 -1.531 -1.700 -1.611 -1.586
ns
SSTL-15
CLASS I
GCLK
t
su
-0.763
-0.807
-1.144 -1.234 -1.328 -1.282 -1.612 -1.235 -1.326 -1.283 -1.655
ns
t
h
0.880
0.940
1.333
1.442
1.558
1.501
1.831
1.452
1.566
1.512
1.874
ns
GCLK
PLL
t
su
1.078
1.088
1.756
1.985
2.210
2.095
2.037
1.999
2.226
2.109
2.084
ns
t
h
-0.826
-0.820
-1.355 -1.537 -1.711 -1.624 -1.559 -1.542 -1.717 -1.628 -1.603
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.777
-0.819
-1.157 -1.244 -1.346 -1.300 -1.630 -1.246 -1.343 -1.300 -1.672
ns
t
h
0.894
0.952
1.345
1.452
1.576
1.519
1.849
1.463
1.583
1.529
1.891
ns
GCLK
PLL
t
su
1.064
1.076
1.741
1.975
2.192
2.077
2.019
1.988
2.209
2.092
2.067
ns
t
h
-0.812
-0.808
-1.341 -1.527 -1.693 -1.606 -1.541 -1.531 -1.700 -1.611 -1.586
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.777
-0.819
-1.157 -1.244 -1.346 -1.300 -1.630 -1.246 -1.343 -1.300 -1.672
ns
t
h
0.894
0.952
1.345
1.452
1.576
1.519
1.849
1.463
1.583
1.529
1.891
ns
GCLK
PLL
t
su
1.064
1.076
1.741
1.975
2.192
2.077
2.019
1.988
2.209
2.092
2.067
ns
t
h
-0.812
-0.808
-1.341 -1.527 -1.693 -1.606 -1.541 -1.531 -1.700 -1.611 -1.586
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-0.763
-0.807
-1.144 -1.234 -1.328 -1.282 -1.612 -1.235 -1.326 -1.283 -1.655
ns
t
h
0.880
0.940
1.333
1.442
1.558
1.501
1.831
1.452
1.566
1.512
1.874
ns
GCLK
PLL
t
su
1.078
1.088
1.756
1.985
2.210
2.095
2.037
1.999
2.226
2.109
2.084
ns
t
h
-0.826
-0.820
-1.355 -1.537 -1.711 -1.624 -1.559 -1.542 -1.717 -1.628 -1.603
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.763
-0.807
-1.144 -1.234 -1.328 -1.282 -1.612 -1.235 -1.326 -1.283 -1.655
ns
t
h
0.880
0.940
1.333
1.442
1.558
1.501
1.831
1.452
1.566
1.512
1.874
ns
GCLK
PLL
t
su
1.078
1.088
1.756
1.985
2.210
2.095
2.037
1.999
2.226
2.109
2.084
ns
t
h
-0.826
-0.820
-1.355 -1.537 -1.711 -1.624 -1.559 -1.542 -1.717 -1.628 -1.603
ns
Table 1–62. EP3SL110 Row Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com