Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 111 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 111 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 107Page - Altera Corporation EP3SL70 Datasheet HTML 108Page - Altera Corporation EP3SL70 Datasheet HTML 109Page - Altera Corporation EP3SL70 Datasheet HTML 110Page - Altera Corporation EP3SL70 Datasheet HTML 111Page - Altera Corporation EP3SL70 Datasheet HTML 112Page - Altera Corporation EP3SL70 Datasheet HTML 113Page - Altera Corporation EP3SL70 Datasheet HTML 114Page - Altera Corporation EP3SL70 Datasheet HTML 115Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–101
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.5 V
2mA
GCLK
tco
3.576
3.576
5.096
5.533
6.092
5.961
6.255
5.533
6.092
5.961
6.255
ns
GCLK
PLL
t
co
3.966
3.966
5.672
6.165
6.780
6.622
7.004
6.165
6.780
6.622
7.004
ns
4mA
GCLK
tco
3.364
3.364
4.777
5.176
5.700
5.569
5.863
5.176
5.700
5.569
5.863
ns
GCLK
PLL
t
co
3.754
3.754
5.353
5.809
6.388
6.230
6.612
5.809
6.388
6.230
6.612
ns
6mA
GCLK
t
co
3.339
3.339
4.710
5.116
5.633
5.502
5.796
5.116
5.633
5.502
5.796
ns
GCLK
PLL
t
co
3.729
3.729
5.286
5.749
6.321
6.163
6.545
5.749
6.321
6.163
6.545
ns
8mA
GCLK
t
co
3.328
3.328
4.693
5.091
5.613
5.482
5.776
5.091
5.613
5.482
5.776
ns
GCLK
PLL
t
co
3.718
3.718
5.269
5.724
6.301
6.143
6.525
5.724
6.301
6.143
6.525
ns
10mA
GCLK
t
co
3.273
3.273
4.655
5.041
5.543
5.412
5.706
5.041
5.543
5.412
5.706
ns
GCLK
PLL
t
co
3.663
3.663
5.231
5.673
6.231
6.073
6.455
5.673
6.231
6.073
6.455
ns
12mA
GCLK
t
co
3.268
3.268
4.639
5.029
5.532
5.401
5.695
5.029
5.532
5.401
5.695
ns
GCLK
PLL
tco
3.658
3.658
5.214
5.662
6.220
6.062
6.444
5.662
6.220
6.062
6.444
ns
1.2 V
2mA
GCLK
t
co
3.492
3.492
5.022
5.468
6.036
5.905
6.199
5.468
6.036
5.905
6.199
ns
GCLK
PLL
tco
3.882
3.882
5.598
6.101
6.724
6.566
6.948
6.101
6.724
6.566
6.948
ns
4mA
GCLK
t
co
3.369
3.369
4.797
5.207
5.750
5.619
5.913
5.207
5.750
5.619
5.913
ns
GCLK
PLL
t
co
3.759
3.759
5.372
5.839
6.438
6.280
6.662
5.839
6.438
6.280
6.662
ns
6mA
GCLK
t
co
3.331
3.331
4.704
5.117
5.637
5.506
5.800
5.117
5.637
5.506
5.800
ns
GCLK
PLL
t
co
3.721
3.721
5.280
5.750
6.325
6.167
6.549
5.750
6.325
6.167
6.549
ns
8mA
GCLK
t
co
3.284
3.284
4.676
5.068
5.581
5.450
5.744
5.068
5.581
5.450
5.744
ns
GCLK
PLL
t
co
3.674
3.674
5.252
5.701
6.269
6.111
6.493
5.701
6.269
6.111
6.493
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.284
3.284
4.633
5.016
5.512
5.381
5.675
5.016
5.512
5.381
5.675
ns
GCLK
PLL
t
co
3.674
3.674
5.209
5.648
6.200
6.042
6.424
5.648
6.200
6.042
6.424
ns
10mA
GCLK
t
co
3.281
3.281
4.630
5.012
5.508
5.377
5.671
5.012
5.508
5.377
5.671
ns
GCLK
PLL
t
co
3.671
3.671
5.206
5.645
6.196
6.038
6.420
5.645
6.196
6.038
6.420
ns
12mA
GCLK
tco
3.279
3.279
4.630
5.013
5.509
5.378
5.672
5.013
5.509
5.378
5.672
ns
GCLK
PLL
t
co
3.669
3.669
5.206
5.646
6.197
6.039
6.421
5.646
6.197
6.039
6.421
ns
Table 1–63. EP3SL110 Column Pins Output Timing Parameters (Part 4 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com