Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 115 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 115 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 111Page - Altera Corporation EP3SL70 Datasheet HTML 112Page - Altera Corporation EP3SL70 Datasheet HTML 113Page - Altera Corporation EP3SL70 Datasheet HTML 114Page - Altera Corporation EP3SL70 Datasheet HTML 115Page - Altera Corporation EP3SL70 Datasheet HTML 116Page - Altera Corporation EP3SL70 Datasheet HTML 117Page - Altera Corporation EP3SL70 Datasheet HTML 118Page - Altera Corporation EP3SL70 Datasheet HTML 119Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–105
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–64 lists the EP3SL110 row pins output timing parameters for single-ended I/O
standards.
Table 1–64. EP3SL110 Row Pins Output Timing Parameters (Part 1 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.182
3.481
4.833 5.216 5.678 5.579 5.814 5.256 5.802 5.703 5.896
ns
GCLK
PLL
t
co
1.457
1.650
2.051 2.136 2.329 2.349 2.337 2.239 2.435 2.454 2.331
ns
8mA
GCLK
t
co
3.116
3.376
4.703 5.078 5.533 5.434 5.669 5.143 5.653 5.554 5.747
ns
GCLK
PLL
t
co
1.364
1.545
1.921 1.998 2.184 2.204 2.192 2.098 2.286 2.305 2.182
ns
12mA
GCLK
t
co
3.037
3.270
4.584 4.955 5.405 5.306 5.541 5.044 5.521 5.422 5.615
ns
GCLK
PLL
tco
1.265
1.439
1.802 1.875 2.056 2.076 2.064 1.971 2.154 2.173 2.050
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.184
3.485
4.841 5.221 5.682 5.583 5.818 5.264 5.806 5.707 5.900
ns
GCLK
PLL
t
co
1.467
1.654
2.059 2.141 2.333 2.353 2.341 2.245 2.439 2.458 2.335
ns
8mA
GCLK
t
co
3.041
3.276
4.590 4.961 5.411 5.312 5.548 5.056 5.528 5.429 5.622
ns
GCLK
PLL
t
co
1.269
1.445
1.808 1.881 2.062 2.082 2.070 1.977 2.161 2.180 2.057
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.143
3.427
4.785 5.169 5.634 5.535 5.770 5.224 5.760 5.661 5.854
ns
GCLK
PLL
t
co
1.411
1.596
2.003 2.089 2.285 2.305 2.293 2.196 2.393 2.412 2.289
ns
8mA
GCLK
t
co
3.042
3.300
4.632 5.010 5.470 5.371 5.606 5.082 5.596 5.496 5.689
ns
GCLK
PLL
tco
1.286
1.469
1.850 1.930 2.121 2.141 2.129 2.034 2.229 2.247 2.124
ns
12mA
GCLK
t
co
3.005
3.249
4.550 4.927 5.382 5.283 5.518 5.014 5.503 5.403 5.596
ns
GCLK
PLL
t
co
1.247
1.418
1.768 1.847 2.033 2.053 2.041 1.948 2.136 2.154 2.031
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.064
3.346
4.679 5.062 5.524 5.425 5.660 5.115 5.649 5.549 5.742
ns
GCLK
PLL
t
co
1.325
1.515
1.897 1.982 2.175 2.195 2.183 2.088 2.282 2.300 2.177
ns
8mA
GCLK
t
co
2.992
3.227
4.515 4.888 5.343 5.244 5.479 4.984 5.463 5.363 5.556
ns
GCLK
PLL
t
co
1.225
1.396
1.733 1.808 1.994 2.014 2.002 1.908 2.096 2.114 1.991
ns
2.5 V
4mA
GCLK
t
co
3.169
3.463
4.917 5.323 5.806 5.707 5.942 5.356 5.939 5.839 6.032
ns
GCLK
PLL
tco
1.437
1.632
2.135 2.243 2.457 2.477 2.465 2.356 2.572 2.590 2.467
ns
8mA
GCLK
t
co
3.084
3.365
4.762 5.160 5.636 5.537 5.772 5.219 5.765 5.665 5.858
ns
GCLK
PLL
t
co
1.327
1.534
1.980 2.080 2.287 2.307 2.295 2.189 2.398 2.416 2.293
ns
12mA
GCLK
t
co
3.027
3.288
4.651 5.041 5.510 5.411 5.646 5.130 5.635 5.535 5.728
ns
GCLK
PLL
t
co
1.281
1.457
1.869 1.961 2.161 2.181 2.169 2.066 2.268 2.286 2.163
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com