Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 119 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 119 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 115Page - Altera Corporation EP3SL70 Datasheet HTML 116Page - Altera Corporation EP3SL70 Datasheet HTML 117Page - Altera Corporation EP3SL70 Datasheet HTML 118Page - Altera Corporation EP3SL70 Datasheet HTML 119Page - Altera Corporation EP3SL70 Datasheet HTML 120Page - Altera Corporation EP3SL70 Datasheet HTML 121Page - Altera Corporation EP3SL70 Datasheet HTML 122Page - Altera Corporation EP3SL70 Datasheet HTML 123Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–109
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–65 through Table 1–70 list the maximum I/O timing parameters for EP3SL110
devices for differential I/O standards.
Table 1–65 lists the EP3SL110 column pins input timing parameters for differential
I/O standards.
Table 1–65. EP3SL110 Column Pins Input Timing Parameters (Part 1 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-0.978
-1.006
-1.151 -1.135 -1.286 -1.233 -1.594 -1.098
-1.339
-1.193
-1.632
ns
t
h
1.104
1.152
1.371
1.387
1.564
1.502
1.860
1.361
1.634
1.471
1.898
ns
GCLK
PLL
t
su
0.967
1.001
1.885
2.230
2.404
2.293
2.197
2.284
2.556
2.353
2.249
ns
th
-0.707
-0.719
-1.450 -1.735 -1.855 -1.769 -1.669 -1.780
-1.984
-1.818
-1.718
ns
MINI-LVDS
GCLK
t
su
-0.978
-1.006
-1.151 -1.135 -1.286 -1.233 -1.594 -1.098
-1.339
-1.193
-1.632
ns
t
h
1.104
1.152
1.371
1.387
1.564
1.502
1.860
1.361
1.634
1.471
1.898
ns
GCLK
PLL
t
su
0.967
1.001
1.885
2.230
2.404
2.293
2.197
2.284
2.556
2.353
2.249
ns
t
h
-0.707
-0.719
-1.450 -1.735 -1.855 -1.769 -1.669 -1.780
-1.984
-1.818
-1.718
ns
RSDS
GCLK
tsu
-0.978
-1.006
-1.151 -1.135 -1.286 -1.233 -1.594 -1.098
-1.339
-1.193
-1.632
ns
t
h
1.104
1.152
1.371
1.387
1.564
1.502
1.860
1.361
1.634
1.471
1.898
ns
GCLK
PLL
t
su
0.967
1.001
1.885
2.230
2.404
2.293
2.197
2.284
2.556
2.353
2.249
ns
t
h
-0.707
-0.719
-1.450 -1.735 -1.855 -1.769 -1.669 -1.780
-1.984
-1.818
-1.718
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
GCLK
t
su
-0.794
-0.829
-1.228 -1.334 -1.445 -1.387 -1.743 -1.333
-1.443
-1.391
-1.786
ns
t
h
0.913
0.967
1.416
1.546
1.677
1.610
1.964
1.554
1.684
1.621
2.007
ns
GCLK
PLL
t
su
1.151
1.178
1.808
2.031
2.245
2.139
2.048
2.049
2.266
2.155
2.095
ns
th
-0.898
-0.904
-1.405 -1.576 -1.742 -1.661 -1.565 -1.587
-1.753
-1.668
-1.609
ns
DIFFERENTIAL
1.2-V HSTL
CLASS II
GCLK
t
su
-0.794
-0.829
-1.228 -1.334 -1.445 -1.387 -1.743 -1.333
-1.443
-1.391
-1.786
ns
t
h
0.913
0.967
1.416
1.546
1.677
1.610
1.964
1.554
1.684
1.621
2.007
ns
GCLK
PLL
t
su
1.151
1.178
1.808
2.031
2.245
2.139
2.048
2.049
2.266
2.155
2.095
ns
t
h
-0.898
-0.904
-1.405 -1.576 -1.742 -1.661 -1.565 -1.587
-1.753
-1.668
-1.609
ns
DIFFERENTIAL
1.5-V HSTL
CLASS I
GCLK
tsu
-0.802
-0.841
-1.238 -1.345 -1.461 -1.403 -1.759 -1.344
-1.458
-1.406
-1.801
ns
t
h
0.921
0.979
1.426
1.557
1.693
1.626
1.980
1.565
1.699
1.636
2.022
ns
GCLK
PLL
t
su
1.143
1.166
1.798
2.020
2.229
2.123
2.032
2.038
2.251
2.140
2.080
ns
t
h
-0.890
-0.892
-1.395 -1.565 -1.726 -1.645 -1.549 -1.576
-1.738
-1.653
-1.594
ns
DIFFERENTIAL
1.5-V HSTL
CLASS II
GCLK
t
su
-0.802
-0.841
-1.238 -1.345 -1.461 -1.403 -1.759 -1.344
-1.458
-1.406
-1.801
ns
t
h
0.921
0.979
1.426
1.557
1.693
1.626
1.980
1.565
1.699
1.636
2.022
ns
GCLK
PLL
t
su
1.143
1.166
1.798
2.020
2.229
2.123
2.032
2.038
2.251
2.140
2.080
ns
th
-0.890
-0.892
-1.395 -1.565 -1.726 -1.645 -1.549 -1.576
-1.738
-1.653
-1.594
ns
DIFFERENTIAL
1.8-V HSTL
CLASS I
GCLK
t
su
-0.814
-0.852
-1.247 -1.356 -1.480 -1.422 -1.778 -1.355
-1.476
-1.424
-1.819
ns
t
h
0.933
0.990
1.436
1.568
1.712
1.645
1.999
1.576
1.717
1.654
2.040
ns
GCLK
PLL
t
su
1.131
1.155
1.789
2.009
2.210
2.104
2.013
2.027
2.233
2.122
2.062
ns
t
h
-0.878
-0.881
-1.385 -1.554 -1.707 -1.626 -1.530 -1.565
-1.720
-1.635
-1.576
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com