Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 114 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 114 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 110Page - Altera Corporation EP3SL70 Datasheet HTML 111Page - Altera Corporation EP3SL70 Datasheet HTML 112Page - Altera Corporation EP3SL70 Datasheet HTML 113Page - Altera Corporation EP3SL70 Datasheet HTML 114Page - Altera Corporation EP3SL70 Datasheet HTML 115Page - Altera Corporation EP3SL70 Datasheet HTML 116Page - Altera Corporation EP3SL70 Datasheet HTML 117Page - Altera Corporation EP3SL70 Datasheet HTML 118Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 341 page
background image
1–104
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5-V
HSTL
CLASS II
16mA
GCLK
tco
3.267
3.267
4.605
4.987
5.483
5.352
5.646
4.987
5.483
5.352
5.646
ns
GCLK
PLL
t
co
3.657
3.657
5.181
5.620
6.171
6.013
6.395
5.620
6.171
6.013
6.395
ns
1.2-V
HSTL
CLASS I
4mA
GCLK
tco
3.286
3.286
4.642
5.028
5.529
5.398
5.692
5.028
5.529
5.398
5.692
ns
GCLK
PLL
t
co
3.676
3.676
5.217
5.661
6.217
6.059
6.441
5.661
6.217
6.059
6.441
ns
6mA
GCLK
t
co
3.278
3.278
4.633
5.019
5.520
5.389
5.683
5.019
5.520
5.389
5.683
ns
GCLK
PLL
t
co
3.668
3.668
5.208
5.652
6.208
6.050
6.432
5.652
6.208
6.050
6.432
ns
8mA
GCLK
t
co
3.279
3.279
4.640
5.028
5.529
5.398
5.692
5.028
5.529
5.398
5.692
ns
GCLK
PLL
t
co
3.669
3.669
5.216
5.660
6.217
6.059
6.441
5.660
6.217
6.059
6.441
ns
10mA
GCLK
t
co
3.268
3.268
4.627
5.014
5.515
5.384
5.678
5.014
5.515
5.384
5.678
ns
GCLK
PLL
t
co
3.658
3.658
5.203
5.647
6.203
6.045
6.427
5.647
6.203
6.045
6.427
ns
12mA
GCLK
t
co
3.268
3.268
4.627
5.014
5.516
5.385
5.679
5.014
5.516
5.385
5.679
ns
GCLK
PLL
tco
3.658
3.658
5.203
5.647
6.204
6.046
6.428
5.647
6.204
6.046
6.428
ns
1.2-V
HSTL
CLASS II
16mA
GCLK
t
co
3.289
3.289
4.643
5.029
5.529
5.398
5.692
5.029
5.529
5.398
5.692
ns
GCLK
PLL
tco
3.679
3.679
5.219
5.662
6.217
6.059
6.441
5.662
6.217
6.059
6.441
ns
3.0-V PCI
—
GCLK
t
co
3.392
3.392
4.688
5.063
5.554
5.423
5.717
5.063
5.554
5.423
5.717
ns
GCLK
PLL
t
co
3.782
3.782
5.264
5.696
6.242
6.084
6.466
5.696
6.242
6.084
6.466
ns
3.0-V
PCI-X
—
GCLK
t
co
3.392
3.392
4.688
5.063
5.554
5.423
5.717
5.063
5.554
5.423
5.717
ns
GCLK
PLL
t
co
3.782
3.782
5.264
5.696
6.242
6.084
6.466
5.696
6.242
6.084
6.466
ns
Table 1–63. EP3SL110 Column Pins Output Timing Parameters (Part 7 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com