Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 109 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 109 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 105Page - Altera Corporation EP3SL70 Datasheet HTML 106Page - Altera Corporation EP3SL70 Datasheet HTML 107Page - Altera Corporation EP3SL70 Datasheet HTML 108Page - Altera Corporation EP3SL70 Datasheet HTML 109Page - Altera Corporation EP3SL70 Datasheet HTML 110Page - Altera Corporation EP3SL70 Datasheet HTML 111Page - Altera Corporation EP3SL70 Datasheet HTML 112Page - Altera Corporation EP3SL70 Datasheet HTML 113Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–99
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.3-V
LVCMOS
4mA
GCLK
tco
3.445
3.445
4.773
5.150
5.645
5.514
5.808
5.150
5.645
5.514
5.808
ns
GCLK
PLL
t
co
3.835
3.835
5.348
5.783
6.333
6.175
6.557
5.783
6.333
6.175
6.557
ns
8mA
GCLK
tco
3.290
3.290
4.566
4.953
5.444
5.313
5.607
4.953
5.444
5.313
5.607
ns
GCLK
PLL
t
co
3.680
3.680
5.141
5.585
6.132
5.974
6.356
5.585
6.132
5.974
6.356
ns
12mA
GCLK
t
co
3.297
3.297
4.560
4.932
5.418
5.287
5.581
4.932
5.418
5.287
5.581
ns
GCLK
PLL
t
co
3.687
3.687
5.135
5.564
6.106
5.948
6.330
5.564
6.106
5.948
6.330
ns
16mA
GCLK
t
co
3.281
3.281
4.537
4.906
5.389
5.258
5.552
4.906
5.389
5.258
5.552
ns
GCLK
PLL
t
co
3.671
3.671
5.113
5.539
6.077
5.919
6.301
5.539
6.077
5.919
6.301
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.403
3.403
4.735
5.114
5.605
5.474
5.768
5.114
5.605
5.474
5.768
ns
GCLK
PLL
t
co
3.793
3.793
5.311
5.746
6.293
6.135
6.517
5.746
6.293
6.135
6.517
ns
8mA
GCLK
t
co
3.292
3.292
4.605
4.980
5.467
5.337
5.629
4.980
5.467
5.337
5.629
ns
GCLK
PLL
tco
3.682
3.682
5.181
5.612
6.156
5.999
6.379
5.612
6.156
5.999
6.379
ns
12mA
GCLK
t
co
3.256
3.256
4.542
4.911
5.393
5.263
5.556
4.911
5.393
5.263
5.556
ns
GCLK
PLL
tco
3.646
3.646
5.118
5.543
6.082
5.925
6.305
5.543
6.082
5.925
6.305
ns
16mA
GCLK
t
co
3.238
3.238
4.513
4.883
5.365
5.234
5.528
4.883
5.365
5.234
5.528
ns
GCLK
PLL
t
co
3.628
3.628
5.089
5.515
6.053
5.895
6.277
5.515
6.053
5.895
6.277
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.317
3.317
4.639
5.013
5.502
5.372
5.664
5.013
5.502
5.372
5.664
ns
GCLK
PLL
t
co
3.707
3.707
5.215
5.646
6.191
6.034
6.414
5.646
6.191
6.034
6.414
ns
8mA
GCLK
t
co
3.238
3.238
4.516
4.884
5.367
5.237
5.529
4.884
5.367
5.237
5.529
ns
GCLK
PLL
t
co
3.628
3.628
5.091
5.517
6.056
5.899
6.279
5.517
6.056
5.899
6.279
ns
12mA
GCLK
t
co
3.233
3.233
4.508
4.877
5.359
5.228
5.522
4.877
5.359
5.228
5.522
ns
GCLK
PLL
t
co
3.623
3.623
5.084
5.510
6.047
5.889
6.271
5.510
6.047
5.889
6.271
ns
16mA
GCLK
t
co
3.224
3.224
4.494
4.862
5.344
5.213
5.507
4.862
5.344
5.213
5.507
ns
GCLK
PLL
t
co
3.614
3.614
5.070
5.495
6.032
5.874
6.256
5.495
6.032
5.874
6.256
ns
Table 1–63. EP3SL110 Column Pins Output Timing Parameters (Part 2 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com