Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 128 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 128 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 124Page - Altera Corporation EP3SL70 Datasheet HTML 125Page - Altera Corporation EP3SL70 Datasheet HTML 126Page - Altera Corporation EP3SL70 Datasheet HTML 127Page - Altera Corporation EP3SL70 Datasheet HTML 128Page - Altera Corporation EP3SL70 Datasheet HTML 129Page - Altera Corporation EP3SL70 Datasheet HTML 130Page - Altera Corporation EP3SL70 Datasheet HTML 131Page - Altera Corporation EP3SL70 Datasheet HTML 132Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 341 page
background image
1–118
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–69 and Table 1–70 list the EP3SL110 regional clock (RCLK) adder values that
must be added to the GCLK values. Use these adder values to determine I/O timing
when the I/O pin is driven using the regional clock. This applies to all I/O standards
supported by Stratix III devices.
Table 1–69 lists the EP3SL110 column pin delay adders when using the regional clock.
DIFFERENTIAL
1.8-V
SSTL CLASS I
8mA
GCLK
tco
3.125
3.370
4.786 5.191 5.702 5.566 5.821 5.317 5.832 5.695 5.898
ns
GCLK
PLL
t
co
1.345
1.531
1.996 2.100 2.313 2.326 2.329 2.208 2.426 2.436 2.318
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
10mA
GCLK
tco
3.105
3.350
4.763 5.167 5.679 5.543 5.798 5.294 5.808 5.671 5.874
ns
GCLK
PLL
t
co
1.325
1.511
1.973 2.076 2.290 2.303 2.306 2.185 2.402 2.412 2.294
ns
DIFFERENTIAL
1.8-V
SSTL CLASS I
12mA
GCLK
t
co
3.102
3.346
4.759 5.164 5.675 5.539 5.794 5.290 5.805 5.668 5.871
ns
GCLK
PLL
t
co
1.322
1.507
1.969 2.073 2.286 2.299 2.302 2.181 2.399 2.409 2.291
ns
DIFFERENTIAL
1.8-V
SSTL CLASS II
8mA
GCLK
t
co
3.107
3.350
4.750 5.152 5.661 5.525 5.780 5.277 5.789 5.652 5.855
ns
GCLK
PLL
t
co
1.327
1.511
1.960 2.061 2.272 2.285 2.288 2.168 2.383 2.393 2.275
ns
DIFFERENTIAL
1.8-V
SSTL CLASS II
16mA
GCLK
t
co
3.100
3.343
4.749 5.153 5.664 5.528 5.783 5.280 5.794 5.657 5.860
ns
GCLK
PLL
t
co
1.320
1.504
1.959 2.062 2.275 2.288 2.291 2.171 2.388 2.398 2.280
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
8mA
GCLK
t
co
3.138
3.382
4.787 5.190 5.700 5.564 5.819 5.316 5.829 5.692 5.895
ns
GCLK
PLL
tco
1.358
1.543
1.997 2.099 2.311 2.324 2.327 2.207 2.423 2.433 2.315
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
12mA
GCLK
t
co
3.120
3.365
4.772 5.175 5.685 5.549 5.804 5.301 5.814 5.677 5.880
ns
GCLK
PLL
tco
1.340
1.526
1.982 2.084 2.296 2.309 2.312 2.192 2.408 2.418 2.300
ns
DIFFERENTIAL
2.5-V
SSTL CLASS II
16mA
GCLK
t
co
3.106
3.349
4.749 5.151 5.660 5.524 5.779 5.277 5.789 5.652 5.855
ns
GCLK
PLL
t
co
1.326
1.510
1.959 2.060 2.271 2.284 2.287 2.168 2.383 2.393 2.275
ns
Table 1–68. EP3SL110 Row Pins Output Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–69.
EP3SL110 Column Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
0.186
0.171
0.245
0.255
0.268
0.261
0.393
0.248
0.277
0.267
0.364
ns
RCLK PLL input adder
2.391
2.371
3.577
4.036
4.418
4.225
4.574
4.044
4.442
4.246
4.635
ns
RCLK output adder
-0.374
-0.162
-0.226
-0.233
-0.244 -0.239 -0.367 -0.111 -0.123 -0.116 -0.296
ns
RCLK PLL output adder
-2.001
-1.786
-2.669
-2.844
-2.996 -2.879 -2.722 -2.699 -3.067 -2.798 -2.773
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com