Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 139 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 139 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 135Page - Altera Corporation EP3SL70 Datasheet HTML 136Page - Altera Corporation EP3SL70 Datasheet HTML 137Page - Altera Corporation EP3SL70 Datasheet HTML 138Page - Altera Corporation EP3SL70 Datasheet HTML 139Page - Altera Corporation EP3SL70 Datasheet HTML 140Page - Altera Corporation EP3SL70 Datasheet HTML 141Page - Altera Corporation EP3SL70 Datasheet HTML 142Page - Altera Corporation EP3SL70 Datasheet HTML 143Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–129
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-15
CLASS II
8mA
GCLK
tco
3.251
3.268
4.617
4.983
5.486
5.334
5.669
4.983 5.486 5.334 5.669
ns
GCLK
PLL
t
co
3.674
3.670
5.204
5.648
6.202
6.022
6.404
5.648 6.202 6.022 6.404
ns
16mA
GCLK
tco
3.254
3.271
4.624
4.992
5.497
5.345
5.680
4.992 5.497 5.345 5.680
ns
GCLK
PLL
t
co
3.677
3.673
5.211
5.657
6.213
6.033
6.415
5.657 6.213 6.033 6.415
ns
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.261
3.278
4.619
4.983
5.484
5.332
5.667
4.983 5.484 5.332 5.667
ns
GCLK
PLL
t
co
3.684
3.680
5.206
5.648
6.200
6.020
6.402
5.648 6.200 6.020 6.402
ns
6mA
GCLK
t
co
3.254
3.271
4.617
4.982
5.483
5.331
5.666
4.982 5.483 5.331 5.666
ns
GCLK
PLL
t
co
3.677
3.673
5.204
5.647
6.199
6.019
6.401
5.647 6.199 6.019 6.401
ns
8mA
GCLK
t
co
3.246
3.263
4.609
4.974
5.476
5.324
5.659
4.974 5.476 5.324 5.659
ns
GCLK
PLL
t
co
3.669
3.665
5.196
5.639
6.192
6.012
6.394
5.639 6.192 6.012 6.394
ns
10mA
GCLK
t
co
3.249
3.266
4.612
4.978
5.480
5.328
5.663
4.978 5.480 5.328 5.663
ns
GCLK
PLL
tco
3.672
3.668
5.199
5.643
6.196
6.016
6.398
5.643 6.196 6.016 6.398
ns
12mA
GCLK
t
co
3.246
3.263
4.615
4.981
5.484
5.332
5.667
4.981 5.484 5.332 5.667
ns
GCLK
PLL
tco
3.669
3.665
5.202
5.646
6.200
6.020
6.402
5.646 6.200 6.020 6.402
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.254
3.271
4.614
4.979
5.480
5.328
5.663
4.979 5.480 5.328 5.663
ns
GCLK
PLL
t
co
3.677
3.673
5.201
5.644
6.196
6.016
6.398
5.644 6.196 6.016 6.398
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.266
3.283
4.627
4.993
5.495
5.343
5.678
4.993 5.495 5.343 5.678
ns
GCLK
PLL
t
co
3.689
3.685
5.214
5.658
6.211
6.031
6.413
5.658 6.211 6.031 6.413
ns
6mA
GCLK
t
co
3.262
3.279
4.628
4.995
5.498
5.346
5.681
4.995 5.498 5.346 5.681
ns
GCLK
PLL
t
co
3.685
3.681
5.215
5.660
6.214
6.034
6.416
5.660 6.214 6.034 6.416
ns
8mA
GCLK
t
co
3.258
3.275
4.624
4.990
5.493
5.341
5.676
4.990 5.493 5.341 5.676
ns
GCLK
PLL
t
co
3.681
3.677
5.211
5.655
6.209
6.029
6.411
5.655 6.209 6.029 6.411
ns
10mA
GCLK
t
co
3.251
3.268
4.617
4.983
5.486
5.334
5.669
4.983 5.486 5.334 5.669
ns
GCLK
PLL
t
co
3.674
3.670
5.204
5.648
6.202
6.022
6.404
5.648 6.202 6.022 6.404
ns
12mA
GCLK
tco
3.252
3.269
4.624
4.991
5.496
5.344
5.679
4.991 5.496 5.344 5.679
ns
GCLK
PLL
t
co
3.675
3.671
5.211
5.656
6.212
6.032
6.414
5.656 6.212 6.032 6.414
ns
Table 1–73. EP3SL150 Column Pins Output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com