Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 135 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 135 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 131Page - Altera Corporation EP3SL70 Datasheet HTML 132Page - Altera Corporation EP3SL70 Datasheet HTML 133Page - Altera Corporation EP3SL70 Datasheet HTML 134Page - Altera Corporation EP3SL70 Datasheet HTML 135Page - Altera Corporation EP3SL70 Datasheet HTML 136Page - Altera Corporation EP3SL70 Datasheet HTML 137Page - Altera Corporation EP3SL70 Datasheet HTML 138Page - Altera Corporation EP3SL70 Datasheet HTML 139Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–125
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.3-V
LVCMOS
4mA
GCLK
tco
3.428
3.445
4.772
5.132
5.632
5.480
5.815
5.132 5.632 5.480 5.815
ns
GCLK
PLL
t
co
3.901
3.847
5.359
5.892
6.348
6.168
6.550
5.892 6.348 6.168 6.550
ns
8mA
GCLK
tco
3.273
3.290
4.565
4.935
5.431
5.279
5.614
4.935 5.431 5.279 5.614
ns
GCLK
PLL
t
co
3.701
3.692
5.152
5.600
6.147
5.967
6.349
5.600 6.147 5.967 6.349
ns
12mA
GCLK
t
co
3.280
3.297
4.559
4.914
5.405
5.253
5.588
4.914 5.405 5.253 5.588
ns
GCLK
PLL
t
co
3.703
3.699
5.146
5.579
6.121
5.941
6.323
5.579 6.121 5.941 6.323
ns
16mA
GCLK
t
co
3.264
3.281
4.537
4.888
5.376
5.224
5.559
4.888 5.376 5.224 5.559
ns
GCLK
PLL
t
co
3.687
3.683
5.124
5.553
6.092
5.912
6.294
5.553 6.092 5.912 6.294
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.386
3.403
4.735
5.096
5.592
5.440
5.775
5.096 5.592 5.440 5.775
ns
GCLK
PLL
t
co
3.843
3.805
5.322
5.831
6.308
6.128
6.510
5.831 6.308 6.128 6.510
ns
8mA
GCLK
t
co
3.275
3.292
4.605
4.962
5.455
5.303
5.637
4.962 5.455 5.303 5.637
ns
GCLK
PLL
tco
3.713
3.694
5.192
5.659
6.170
5.991
6.371
5.659 6.170 5.991 6.371
ns
12mA
GCLK
t
co
3.239
3.256
4.542
4.893
5.381
5.229
5.563
4.893 5.381 5.229 5.563
ns
GCLK
PLL
tco
3.662
3.658
5.129
5.560
6.096
5.917
6.298
5.560 6.096 5.917 6.298
ns
16mA
GCLK
t
co
3.221
3.238
4.513
4.865
5.352
5.200
5.535
4.865 5.352 5.200 5.535
ns
GCLK
PLL
t
co
3.644
3.640
5.100
5.530
6.070
5.888
6.270
5.530 6.070 5.888 6.270
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.300
3.317
4.639
4.995
5.490
5.338
5.672
4.995 5.490 5.338 5.672
ns
GCLK
PLL
t
co
3.751
3.719
5.226
5.712
6.205
6.026
6.406
5.712 6.205 6.026 6.406
ns
8mA
GCLK
t
co
3.221
3.238
4.515
4.866
5.355
5.203
5.537
4.866 5.355 5.203 5.537
ns
GCLK
PLL
t
co
3.644
3.640
5.102
5.531
6.083
5.891
6.271
5.531 6.083 5.891 6.271
ns
12mA
GCLK
t
co
3.216
3.233
4.508
4.859
5.346
5.194
5.529
4.859 5.346 5.194 5.529
ns
GCLK
PLL
t
co
3.639
3.635
5.095
5.524
6.062
5.882
6.264
5.524 6.062 5.882 6.264
ns
16mA
GCLK
t
co
3.207
3.224
4.494
4.844
5.331
5.179
5.514
4.844 5.331 5.179 5.514
ns
GCLK
PLL
t
co
3.630
3.626
5.081
5.509
6.057
5.867
6.249
5.509 6.057 5.867 6.249
ns
Table 1–73. EP3SL150 Column Pins Output Timing Parameters (Part 2 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com