Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 169 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 169 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 165Page - Altera Corporation EP3SL70 Datasheet HTML 166Page - Altera Corporation EP3SL70 Datasheet HTML 167Page - Altera Corporation EP3SL70 Datasheet HTML 168Page - Altera Corporation EP3SL70 Datasheet HTML 169Page - Altera Corporation EP3SL70 Datasheet HTML 170Page - Altera Corporation EP3SL70 Datasheet HTML 171Page - Altera Corporation EP3SL70 Datasheet HTML 172Page - Altera Corporation EP3SL70 Datasheet HTML 173Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–159
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–84 lists the EP3SL200 row pins output timing parameters for single-ended
I/O standards.
Table 1–84. EP3SL200 Row Pins Output Timing Parameters (Part 1 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
4mA
GCLK
t
co
3.639
3.902
5.663 5.916 6.397 6.238 6.709 6.053 6.634 6.238 6.709
ns
GCLK
PLL
t
co
1.551
1.768
2.210 2.317 2.505 2.518 2.444 2.409 2.649 2.518 2.444
ns
8mA
GCLK
t
co
3.548
3.813
5.533 5.778 6.283 6.124 6.565 5.912 6.485 6.124 6.565
ns
GCLK
PLL
t
co
1.468
1.663
2.080 2.179 2.361 2.374 2.300 2.268 2.500 2.374 2.300
ns
12mA
GCLK
t
co
3.469
3.724
5.414 5.655 6.187 6.028 6.437 5.785 6.353 6.028 6.437
ns
GCLK
PLL
tco
1.389
1.560
1.961 2.056 2.233 2.246 2.172 2.147 2.368 2.246 2.172
ns
3.3-V
LVCMOS
4mA
GCLK
t
co
3.649
3.906
5.671 5.921 6.406 6.247 6.714 6.059 6.639 6.247 6.714
ns
GCLK
PLL
t
co
1.561
1.772
2.218 2.322 2.510 2.523 2.449 2.415 2.654 2.523 2.449
ns
8mA
GCLK
t
co
3.473
3.728
5.420 5.661 6.197 6.038 6.443 5.794 6.360 6.038 6.443
ns
GCLK
PLL
t
co
1.393
1.564
1.967 2.062 2.239 2.252 2.178 2.159 2.375 2.252 2.178
ns
3.0-V
LVTTL
4mA
GCLK
t
co
3.593
3.848
5.615 5.869 6.363 6.204 6.666 6.010 6.592 6.204 6.666
ns
GCLK
PLL
t
co
1.505
1.714
2.162 2.270 2.462 2.475 2.401 2.366 2.607 2.475 2.401
ns
8mA
GCLK
t
co
3.474
3.733
5.463 5.710 6.218 6.059 6.502 5.848 6.428 6.059 6.502
ns
GCLK
PLL
tco
1.394
1.587
2.010 2.111 2.298 2.311 2.237 2.204 2.443 2.311 2.237
ns
12mA
GCLK
t
co
3.437
3.695
5.395 5.627 6.148 5.989 6.414 5.762 6.335 5.989 6.414
ns
GCLK
PLL
t
co
1.357
1.536
1.928 2.028 2.210 2.223 2.149 2.118 2.350 2.223 2.149
ns
3.0-V
LVCMOS
4mA
GCLK
t
co
3.507
3.767
5.510 5.762 6.254 6.095 6.555 5.902 6.481 6.095 6.555
ns
GCLK
PLL
t
co
1.419
1.633
2.057 2.163 2.351 2.364 2.290 2.258 2.496 2.364 2.290
ns
8mA
GCLK
t
co
3.424
3.679
5.368 5.588 6.120 5.961 6.375 5.722 6.295 5.961 6.375
ns
GCLK
PLL
t
co
1.344
1.515
1.893 1.989 2.171 2.184 2.110 2.087 2.310 2.184 2.110
ns
2.5 V
4mA
GCLK
t
co
3.619
3.884
5.748 6.023 6.508 6.349 6.838 6.170 6.771 6.349 6.838
ns
GCLK
PLL
tco
1.531
1.750
2.295 2.424 2.634 2.647 2.573 2.526 2.786 2.647 2.573
ns
8mA
GCLK
t
co
3.516
3.785
5.593 5.860 6.366 6.207 6.668 6.003 6.597 6.207 6.668
ns
GCLK
PLL
t
co
1.436
1.651
2.140 2.261 2.464 2.477 2.403 2.359 2.612 2.477 2.403
ns
12mA
GCLK
t
co
3.463
3.735
5.492 5.741 6.275 6.116 6.542 5.880 6.467 6.116 6.542
ns
GCLK
PLL
t
co
1.379
1.575
2.029 2.142 2.338 2.351 2.277 2.236 2.482 2.351 2.277
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com