Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 170 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 170 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 166Page - Altera Corporation EP3SL70 Datasheet HTML 167Page - Altera Corporation EP3SL70 Datasheet HTML 168Page - Altera Corporation EP3SL70 Datasheet HTML 169Page - Altera Corporation EP3SL70 Datasheet HTML 170Page - Altera Corporation EP3SL70 Datasheet HTML 171Page - Altera Corporation EP3SL70 Datasheet HTML 172Page - Altera Corporation EP3SL70 Datasheet HTML 173Page - Altera Corporation EP3SL70 Datasheet HTML 174Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 341 page
background image
1–160
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8 V
2mA
GCLK
tco
3.863
4.170
6.174 6.451 7.093 6.933 7.278 6.617 7.250 6.933 7.278
ns
GCLK
PLL
t
co
1.795
2.018
2.703 2.852 3.121 3.130 3.066 2.995 3.095 3.130 3.066
ns
4mA
GCLK
t
co
3.638
3.968
5.848 6.083 6.688 6.528 6.873 6.252 6.844 6.528 6.873
ns
GCLK
PLL
tco
1.570
1.816
2.377 2.484 2.716 2.725 2.661 2.630 2.734 2.725 2.661
ns
6mA
GCLK
t
co
3.573
3.866
5.694 5.933 6.529 6.369 6.714 6.084 6.671 6.369 6.714
ns
GCLK
PLL
t
co
1.505
1.714
2.223 2.334 2.557 2.566 2.502 2.462 2.628 2.566 2.502
ns
8mA
GCLK
t
co
3.521
3.792
5.617 5.840 6.433 6.273 6.618 5.989 6.577 6.273 6.618
ns
GCLK
PLL
t
co
1.445
1.640
2.146 2.241 2.461 2.470 2.406 2.367 2.556 2.470 2.406
ns
1.5 V
2mA
GCLK
tco
3.774
4.088
6.084 6.365 7.021 6.861 7.206 6.524 7.174 6.861 7.206
ns
GCLK
PLL
t
co
1.706
1.936
2.613 2.766 3.049 3.058 2.994 2.902 3.030 3.058 2.994
ns
4mA
GCLK
t
co
3.537
3.831
5.679 5.928 6.530 6.370 6.715 6.078 6.670 6.370 6.715
ns
GCLK
PLL
t
co
1.464
1.679
2.208 2.329 2.558 2.567 2.503 2.456 2.629 2.567 2.503
ns
6mA
GCLK
t
co
3.510
3.783
5.606 5.832 6.424 6.264 6.609 5.980 6.565 6.264 6.609
ns
GCLK
PLL
t
co
1.437
1.631
2.135 2.233 2.452 2.461 2.397 2.358 2.556 2.461 2.397
ns
8mA
GCLK
t
co
3.496
3.774
5.584 5.814 6.405 6.245 6.590 5.962 6.543 6.245 6.590
ns
GCLK
PLL
t
co
1.428
1.622
2.113 2.215 2.433 2.442 2.378 2.340 2.537 2.442 2.378
ns
1.2 V
2mA
GCLK
tco
3.717
4.013
5.994 6.279 6.946 6.786 7.131 6.436 7.090 6.786 7.131
ns
GCLK
PLL
t
co
1.649
1.861
2.523 2.680 2.974 2.983 2.919 2.814 2.961 2.983 2.919
ns
4mA
GCLK
t
co
3.542
3.824
5.701 5.956 6.571 6.411 6.756 6.103 6.712 6.411 6.756
ns
GCLK
PLL
t
co
1.469
1.672
2.230 2.357 2.599 2.608 2.544 2.481 2.673 2.608 2.544
ns
SSTL-2
CLASS I
8mA
GCLK
t
co
3.463
3.723
5.485 5.713 6.265 6.106 6.510 5.855 6.429 6.106 6.510
ns
GCLK
PLL
t
co
1.383
1.561
2.006 2.114 2.306 2.319 2.245 2.220 2.444 2.319 2.245
ns
12mA
GCLK
t
co
3.458
3.719
5.482 5.705 6.263 6.104 6.502 5.854 6.422 6.104 6.502
ns
GCLK
PLL
t
co
1.378
1.555
1.999 2.106 2.298 2.311 2.237 2.219 2.437 2.311 2.237
ns
SSTL-2
CLASS II
16mA
GCLK
tco
3.449
3.708
5.467 5.680 6.246 6.087 6.475 5.837 6.395 6.087 6.475
ns
GCLK
PLL
t
co
1.369
1.544
1.984 2.081 2.271 2.284 2.210 2.202 2.413 2.284 2.210
ns
Table 1–84. EP3SL200 Row Pins Output Timing Parameters (Part 2 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com