Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 174 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 174 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 170Page - Altera Corporation EP3SL70 Datasheet HTML 171Page - Altera Corporation EP3SL70 Datasheet HTML 172Page - Altera Corporation EP3SL70 Datasheet HTML 173Page - Altera Corporation EP3SL70 Datasheet HTML 174Page - Altera Corporation EP3SL70 Datasheet HTML 175Page - Altera Corporation EP3SL70 Datasheet HTML 176Page - Altera Corporation EP3SL70 Datasheet HTML 177Page - Altera Corporation EP3SL70 Datasheet HTML 178Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 341 page
background image
1–164
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
DIFFERENTIAL
1.8-V HSTL
CLASS II
GCLK
tsu
-1.173
-1.244
-1.898 -1.933 -2.102 -2.022 -2.494 -1.950 -2.117 -2.022 -2.494
ns
t
h
1.309
1.399
2.133
2.172
2.365
2.272
2.746
2.199
2.388
2.272
2.746
ns
GCLK
PLL
t
su
1.083
1.099
1.863
1.964
2.172
2.064
2.061
1.976
2.184
2.064
2.061
ns
t
h
-0.804
-0.798
-1.384 -1.471 -1.624 -1.545 -1.527 -1.471 -1.626 -1.545 -1.527
ns
DIFFERENTIAL
1.5-V SSTL
CLASS I
GCLK
t
su
-1.173
-1.244
-1.898 -1.933 -2.102 -2.022 -2.494 -1.950 -2.117 -2.022 -2.494
ns
t
h
1.309
1.399
2.133
2.172
2.365
2.272
2.746
2.199
2.388
2.272
2.746
ns
GCLK
PLL
t
su
1.083
1.099
1.863
1.964
2.172
2.064
2.061
1.976
2.184
2.064
2.061
ns
th
-0.804
-0.798
-1.384 -1.471 -1.624 -1.545 -1.527 -1.471 -1.626 -1.545 -1.527
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
GCLK
t
su
-1.180
-1.250
-1.910 -1.938 -2.102 -2.024 -2.493 -1.954 -2.112 -2.024 -2.493
ns
t
h
1.316
1.405
2.146
2.180
2.368
2.275
2.750
2.206
2.388
2.275
2.750
ns
GCLK
PLL
t
su
1.076
1.093
1.851
1.959
2.172
2.062
2.062
1.972
2.189
2.062
2.062
ns
t
h
-0.797
-0.792
-1.371 -1.463 -1.621 -1.542 -1.523 -1.464 -1.626 -1.542 -1.523
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
GCLK
tsu
-1.180
-1.250
-1.910 -1.938 -2.102 -2.024 -2.493 -1.954 -2.112 -2.024 -2.493
ns
t
h
1.316
1.405
2.146
2.180
2.368
2.275
2.750
2.206
2.388
2.275
2.750
ns
GCLK
PLL
t
su
1.076
1.093
1.851
1.959
2.172
2.062
2.062
1.972
2.189
2.062
2.062
ns
t
h
-0.797
-0.792
-1.371 -1.463 -1.621 -1.542 -1.523 -1.464 -1.626 -1.542 -1.523
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
GCLK
t
su
-1.153
-1.221
-1.879 -1.911 -2.067 -1.987 -2.459 -1.928 -2.084 -1.987 -2.459
ns
t
h
1.289
1.376
2.114
2.150
2.330
2.237
2.711
2.177
2.355
2.237
2.711
ns
GCLK
PLL
t
su
1.103
1.122
1.882
1.986
2.207
2.099
2.096
1.998
2.217
2.099
2.096
ns
th
-0.824
-0.821
-1.403 -1.493 -1.659 -1.580 -1.562 -1.493 -1.659 -1.580 -1.562
ns
DIFFERENTIAL
2.5-V SSTL
CLASS I
GCLK
t
su
-1.153
-1.221
-1.879 -1.911 -2.067 -1.987 -2.459 -1.928 -2.084 -1.987 -2.459
ns
t
h
1.289
1.376
2.114
2.150
2.330
2.237
2.711
2.177
2.355
2.237
2.711
ns
GCLK
PLL
t
su
1.103
1.122
1.882
1.986
2.207
2.099
2.096
1.998
2.217
2.099
2.096
ns
t
h
-0.824
-0.821
-1.403 -1.493 -1.659 -1.580 -1.562 -1.493 -1.659 -1.580 -1.562
ns
DIFFERENTIAL
2.5-V SSTL
CLASS II
GCLK
tsu
-1.161
-1.233
-1.889 -1.922 -2.083 -2.003 -2.475 -1.939 -2.099 -2.003 -2.475
ns
t
h
1.297
1.388
2.124
2.161
2.346
2.253
2.727
2.188
2.370
2.253
2.727
ns
GCLK
PLL
t
su
1.095
1.110
1.872
1.975
2.191
2.083
2.080
1.987
2.202
2.083
2.080
ns
t
h
-0.816
-0.809
-1.393 -1.482 -1.643 -1.564 -1.546 -1.482 -1.644 -1.564 -1.546
ns
Table 1–85. EP3SL200 Column Pins Input Timing Parameters (Part 2 of 2)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com