Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 207 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 207 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 203Page - Altera Corporation EP3SL70 Datasheet HTML 204Page - Altera Corporation EP3SL70 Datasheet HTML 205Page - Altera Corporation EP3SL70 Datasheet HTML 206Page - Altera Corporation EP3SL70 Datasheet HTML 207Page - Altera Corporation EP3SL70 Datasheet HTML 208Page - Altera Corporation EP3SL70 Datasheet HTML 209Page - Altera Corporation EP3SL70 Datasheet HTML 210Page - Altera Corporation EP3SL70 Datasheet HTML 211Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–197
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.5-V SSTL
CLASS I
4mA
GCLK
tco
3.470
3.740
5.498 5.697 6.239 6.087 6.495 5.831 6.372 6.220 6.573
ns
GCLK
PLL
t
co
1.459
1.646
2.172 2.271 2.502 2.503 2.571 2.379 2.609 2.612 2.557
ns
6mA
GCLK
t
co
3.456
3.726
5.486 5.686 6.229 6.077 6.485 5.821 6.363 6.211 6.564
ns
GCLK
PLL
tco
1.445
1.632
2.160 2.260 2.492 2.493 2.561 2.369 2.600 2.603 2.548
ns
8mA
GCLK
t
co
3.444
3.713
5.469 5.668 6.211 6.059 6.467 5.803 6.345 6.193 6.546
ns
GCLK
PLL
t
co
1.433
1.619
2.143 2.242 2.474 2.475 2.543 2.351 2.582 2.585 2.530
ns
10mA
GCLK
t
co
3.444
3.713
5.472 5.672 6.215 6.063 6.471 5.807 6.350 6.198 6.551
ns
GCLK
PLL
t
co
1.433
1.619
2.146 2.246 2.478 2.479 2.547 2.355 2.587 2.590 2.535
ns
12mA
GCLK
tco
3.440
3.709
5.465 5.664 6.208 6.056 6.464 5.800 6.342 6.190 6.543
ns
GCLK
PLL
t
co
1.429
1.615
2.139 2.238 2.471 2.472 2.540 2.348 2.579 2.582 2.527
ns
DIFFERENTIAL
1.5-V SSTL
CLASS II
8mA
GCLK
t
co
3.444
3.711
5.458 5.655 6.196 6.044 6.452 5.789 6.329 6.177 6.530
ns
GCLK
PLL
t
co
1.433
1.617
2.132 2.229 2.459 2.460 2.528 2.337 2.566 2.569 2.514
ns
16mA
GCLK
t
co
3.445
3.713
5.466 5.665 6.207 6.055 6.463 5.799 6.341 6.189 6.542
ns
GCLK
PLL
t
co
1.434
1.619
2.140 2.239 2.470 2.471 2.539 2.347 2.578 2.581 2.526
ns
DIFFERENTIAL
1.8-V SSTL
CLASS I
4mA
GCLK
t
co
3.473
3.743
5.497 5.695 6.237 6.085 6.493 5.830 6.370 6.218 6.571
ns
GCLK
PLL
t
co
1.462
1.649
2.171 2.269 2.500 2.501 2.569 2.378 2.607 2.610 2.555
ns
6mA
GCLK
tco
3.462
3.731
5.485 5.683 6.225 6.073 6.481 5.818 6.358 6.206 6.559
ns
GCLK
PLL
t
co
1.451
1.637
2.159 2.257 2.488 2.489 2.557 2.366 2.595 2.598 2.543
ns
8mA
GCLK
t
co
3.457
3.727
5.485 5.684 6.226 6.074 6.482 5.819 6.360 6.208 6.561
ns
GCLK
PLL
t
co
1.446
1.633
2.159 2.258 2.489 2.490 2.558 2.367 2.597 2.600 2.545
ns
10mA
GCLK
t
co
3.443
3.712
5.467 5.665 6.207 6.055 6.463 5.800 6.342 6.190 6.543
ns
GCLK
PLL
t
co
1.432
1.618
2.141 2.239 2.470 2.471 2.539 2.348 2.579 2.582 2.527
ns
12mA
GCLK
t
co
3.441
3.710
5.465 5.663 6.205 6.053 6.461 5.798 6.339 6.187 6.540
ns
GCLK
PLL
t
co
1.430
1.616
2.139 2.237 2.468 2.469 2.537 2.346 2.576 2.579 2.524
ns
DIFFERENTIAL
1.8-V SSTL
CLASS II
8mA
GCLK
tco
3.445
3.712
5.457 5.653 6.193 6.041 6.449 5.787 6.326 6.174 6.527
ns
GCLK
PLL
t
co
1.434
1.618
2.131 2.227 2.456 2.457 2.525 2.335 2.563 2.566 2.511
ns
16mA
GCLK
t
co
3.445
3.713
5.465 5.663 6.205 6.053 6.461 5.798 6.339 6.187 6.540
ns
GCLK
PLL
t
co
1.434
1.619
2.139 2.237 2.468 2.469 2.537 2.346 2.576 2.579 2.524
ns
Table 1–97. EP3SL340 Column Pins Output Timing Parameters (Part 3 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com