Electronic Components Datasheet Search
  English  ▼

X  

EP3SL70 Datasheet(PDF) 211 Page - Altera Corporation

Part # EP3SL70
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL70 Datasheet(HTML) 211 Page - Altera Corporation

Back Button EP3SL70 Datasheet HTML 207Page - Altera Corporation EP3SL70 Datasheet HTML 208Page - Altera Corporation EP3SL70 Datasheet HTML 209Page - Altera Corporation EP3SL70 Datasheet HTML 210Page - Altera Corporation EP3SL70 Datasheet HTML 211Page - Altera Corporation EP3SL70 Datasheet HTML 212Page - Altera Corporation EP3SL70 Datasheet HTML 213Page - Altera Corporation EP3SL70 Datasheet HTML 214Page - Altera Corporation EP3SL70 Datasheet HTML 215Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–201
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
DIFFERENTIAL
1.8-V
SSTL CLASS I
4mA
GCLK
tco
3.459
3.732
5.492
5.690 6.234 6.081 6.458 5.828 6.368 6.218 6.538
ns
GCLK
PLL
t
co
1.510
1.701
2.233
2.329 2.560 2.564 2.601 2.440 2.672 2.674 2.590
ns
6mA
GCLK
tco
3.444
3.717
5.478
5.675 6.219 6.066 6.443 5.813 6.353 6.203 6.523
ns
GCLK
PLL
t
co
1.495
1.686
2.219
2.314 2.545 2.549 2.586 2.425 2.657 2.659 2.575
ns
8mA
GCLK
t
co
3.433
3.706
5.473
5.672 6.216 6.063 6.440 5.810 6.351 6.201 6.521
ns
GCLK
PLL
t
co
1.484
1.675
2.214
2.311 2.542 2.546 2.583 2.422 2.655 2.657 2.573
ns
10mA
GCLK
t
co
3.413
3.686
5.450
5.648 6.193 6.040 6.417 5.787 6.327 6.177 6.497
ns
GCLK
PLL
t
co
1.464
1.655
2.191
2.287 2.519 2.523 2.560 2.399 2.631 2.633 2.549
ns
12mA
GCLK
t
co
3.410
3.682
5.446
5.645 6.189 6.036 6.413 5.783 6.324 6.174 6.494
ns
GCLK
PLL
t
co
1.461
1.651
2.187
2.284 2.515 2.519 2.556 2.395 2.628 2.630 2.546
ns
DIFFERENTIAL
1.8-V
SSTL CLASS II
8mA
GCLK
t
co
3.415
3.686
5.437
5.633 6.175 6.022 6.399 5.770 6.308 6.158 6.478
ns
GCLK
PLL
tco
1.466
1.655
2.178
2.272 2.501 2.505 2.542 2.382 2.612 2.614 2.530
ns
16mA
GCLK
t
co
3.408
3.679
5.436
5.634 6.178 6.025 6.402 5.773 6.313 6.163 6.483
ns
GCLK
PLL
tco
1.459
1.648
2.177
2.273 2.504 2.508 2.545 2.385 2.617 2.619 2.535
ns
DIFFERENTIAL
2.5-V
SSTL CLASS I
8mA
GCLK
t
co
3.446
3.718
5.474
5.671 6.214 6.061 6.438 5.809 6.348 6.198 6.518
ns
GCLK
PLL
t
co
1.487
1.677
2.205
2.300 2.530 2.534 2.571 2.411 2.642 2.644 2.560
ns
12mA
GCLK
t
co
3.428
3.701
5.459
5.656 6.199 6.046 6.423 5.794 6.333 6.183 6.503
ns
GCLK
PLL
t
co
1.469
1.660
2.190
2.285 2.515 2.519 2.556 2.396 2.627 2.629 2.545
ns
DIFFERENTIAL
2.5-V
SSTL CLASS II
16mA
GCLK
t
co
3.414
3.685
5.436
5.632 6.174 6.021 6.398 5.770 6.308 6.158 6.478
ns
GCLK
PLL
t
co
1.455
1.644
2.167
2.261 2.490 2.494 2.531 2.372 2.602 2.604 2.520
ns
Table 1–98. EP3SL340 Row Pins Output Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com