Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 44 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 40Page - Analog Devices ADAS1000 Datasheet HTML 41Page - Analog Devices ADAS1000 Datasheet HTML 42Page - Analog Devices ADAS1000 Datasheet HTML 43Page - Analog Devices ADAS1000 Datasheet HTML 44Page - Analog Devices ADAS1000 Datasheet HTML 45Page - Analog Devices ADAS1000 Datasheet HTML 46Page - Analog Devices ADAS1000 Datasheet HTML 47Page - Analog Devices ADAS1000 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 44 of 80
Table 14. Relationship of ECG Waveform to Pace Indication1, 2, 3
Data Rate
Conditions
Apparent Delay of ECG Data Relative to Pace Event4
2 kHz
450 Hz ECG bandwidth
0.984 ms
250 Hz ECG bandwidth
1.915 ms
150 Hz ECG bandwidth
2.695 ms
40 Hz ECG bandwidth
7.641 ms
16 kHz
109 μs
128 kHz
0
1
ECG waveform delay is the time required to reach 50% of final value following a step input.
2
Guaranteed by design, not subject to production test.
3
There is an unavoidable residual uncertainty of 8 μs in determining the pace pulse trailing edge.
4
Add 38 μs to obtain the absolute delay for any setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com