Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 65 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 61Page - Analog Devices ADAS1000 Datasheet HTML 62Page - Analog Devices ADAS1000 Datasheet HTML 63Page - Analog Devices ADAS1000 Datasheet HTML 64Page - Analog Devices ADAS1000 Datasheet HTML 65Page - Analog Devices ADAS1000 Datasheet HTML 66Page - Analog Devices ADAS1000 Datasheet HTML 67Page - Analog Devices ADAS1000 Datasheet HTML 68Page - Analog Devices ADAS1000 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. A | Page 65 of 80
Table 39. Pace Edge Threshold Register (PACEEDGETH) Address 0x0E, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
R/W
0
[23:16]
PACE3EDGTH
Pace edge trigger threshold
0 = PACEAMPTH/2
1 = VREF/GAIN/216
N = N × VREF/GAIN/216
R/W
0
[15:8]
PACE2EDGTH
R/W
0
[7:0]
PACE1EDGTH
1
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.
Table 40. Pace Level Threshold Register (PACELVLTH) Address 0x0F, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
R/W
0
[23:16]
PACE3LVLTH[7:0]
Pace level threshold; This is a signed value
−1 = 0xFF = −VREF/GAIN/216
0 = 0x00 = 0 V
+1 = 0x01 = +VREF/GAIN/216
N = N × VREF/GAIN/216
R/W
0
[15:8]
PACE2LVLTH[7:0]
R/W
0
[7:0]
PACE1LVLTH[7:0]
1
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.
Table 41. Read Electrode/Lead Data Registers (Electrode/Lead) Address 0x11 to 0x15, Reset Value = 0x0000001
R/W
Default
Bit
Name
Function
[31:24]
Address [7:0]
0x11: LA or Lead I.
0x12: LL or Lead II.
0x13: RA or Lead III.
0x14: V1 or V1’.
0x15: V2 or V2’.
R
0
[23:0]
ECG data
Channel data value. Data left justified (MSB) irrespective of data rate.
In electrode format, the value is an unsigned integer.
In vector format, the value is a signed two’s complement integer format.
Lead/Vector format has a 2× range compared to electrode format because it can swing
from +VREF to –VREF; therefore, the LSB size is doubled.
Electrode format and Analog Lead Format:
Minimum value (000…) = 0 V
Maximum value (1111….) = VREF/GAIN
LSB = (2 × VREF/GAIN)/(2N– 1)
Digital Lead format:
Minimum value (1000…) = −(VREF/GAIN)
Maximum value (0111….) = +VREF/GAIN
LSB = 4 × (VREF/GAIN)/(2N – 1)
where N = number of data bits: 16 for 128 kHz data rate or 24 for 2 kHz/16 kHz data rate.
1
If using 128 kHz data rate in frame mode, only the upper 16 bits are sent. If using the 128 kHz data rate in regular read/write mode, all 32 bits are sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com