Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 47 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 43Page - Analog Devices ADAS1000 Datasheet HTML 44Page - Analog Devices ADAS1000 Datasheet HTML 45Page - Analog Devices ADAS1000 Datasheet HTML 46Page - Analog Devices ADAS1000 Datasheet HTML 47Page - Analog Devices ADAS1000 Datasheet HTML 48Page - Analog Devices ADAS1000 Datasheet HTML 49Page - Analog Devices ADAS1000 Datasheet HTML 50Page - Analog Devices ADAS1000 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. A | Page 47 of 80
Table 15. Some Possible Arrangements for Gang Operation
Master
Slave 1
Slave 2
Features
Number of Electrodes
Number of Leads
ADAS1000
ADAS1000-2
ECG, respiration, pace
10 ECG, CM_IN, RLD
12-lead + spare ADC channel
ADAS1000
ADAS1000-2
ADAS1000-2
ECG, respiration, pace
15 ECG, CM_IN, RLD
15-lead + 3 spare ADC channels
ADAS1000
ADAS1000-3
ECG, respiration, pace
8 ECG, CM_IN, RLD
12-lead (derived leads)
ADAS1000-1
ADAS1000-2
ECG
10 ECG, CM_IN, RLD
12-lead + spare ADC channel
ADAS1000-3
ADAS1000-2
ECG
8 ECG, CM_IN, RLD
12-lead (derived leads)
ADAS1000-4
ADAS1000-2
ECG, respiration, pace
8 ECG, CM_IN, RLD
12-lead (derived leads)
INTERFACING IN GANG MODE
As shown in Figure 74, when using multiple devices, the
user must collect the ECG data directly from each device.
The example shown in Figure 75 illustrates one possibility
of how to approach interfacing to a master and slave device.
Note that SCLK, SDO, and SDI are shared here with
individual CS lines. This requires the user to read the data
on both devices twice as fast to ensure that they can capture
all the data to maintain the chosen data rate and ensure they
have the relevant synchronized data. Alternative methods
might use individual controllers for each device or separate
SDO paths.
For some applications, digital isolation is required between
the host and the ADAS1000. The example shown illustrates a
means to ensure that the number of lines requiring isolation
is minimized.
Figure 75. One Method of Interfacing to Multiple Devices
MASTER
SCLK
SDI
CS
SDO
DRDY (OPTIONAL)
SCLK
SDI
CS2
SDO
CS1
SLAVE
SCLK
SDI
CS
SDO
DRDY (OPTIONAL)
MICROCRONTROLLER/
DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com