Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 66 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 66 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 62Page - Analog Devices ADAS1000 Datasheet HTML 63Page - Analog Devices ADAS1000 Datasheet HTML 64Page - Analog Devices ADAS1000 Datasheet HTML 65Page - Analog Devices ADAS1000 Datasheet HTML 66Page - Analog Devices ADAS1000 Datasheet HTML 67Page - Analog Devices ADAS1000 Datasheet HTML 68Page - Analog Devices ADAS1000 Datasheet HTML 69Page - Analog Devices ADAS1000 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 66 of 80
Table 42. Read Pace Detection Data/Status Register (PACEDATA) Address 0x1A, Reset Value = 0x0000001, 2, 3
R/W
Default
Bit
Name
Function
R
0
23
Pace 3 detected
Pace 3 detected. This bit is set once a pace pulse is detected. This bit is set on the
trailing edge of the pace pulse.
0 = pace pulse not detected in current frame.
1 = pace pulse detected in this frame.
R
000
[22:20]
Pace Channel 3 width
This bit is log2 (width) − 1 of the pace pulse.
Width = 2N + 1/128 kHz.
R
0000
[19:16]
Pace Channel 3 height
This bit is the log2 (height) of the pace pulse.
Height = 2N × VREF/GAIN/216.
R
0
15
Pace 2 detected
Pace 2 detected. This bit is set once a pace pulse is detected. This bit is set on the
trailing edge of the pace pulse.
0 = pace pulse not detected in current frame.
1 = pace pulse detected in this frame.
R
000
[14:12]
Pace Channel 2 width
This bit is log2 (width) − 1 of the pace pulse.
Width = 2N + 1/128 kHz.
R
0000
[11:8]
Pace Channel 2 height
This bit is the log2 (height) of the pace pulse.
Height = 2N × VREF/GAIN/216.
R
0
7
Pace 1 detected
Pace 1 detected. This bit is set once a pace pulse is detected. This bit is set on the
trailing edge of the pace pulse.
0 = pace pulse not detected in current frame.
1 = pace pulse detected in this frame.
R
000
[6:4]
Pace Channel 1 width
This bit is log2 (width) − 1 of the pace pulse.
Width = 2N + 1/128 kHz.
R
0000
[3:0]
Pace Channel 1 height
This bit is the log2 (height) of the pace pulse.
Height = 2N × VREF/GAIN/216.
1
If using 128 kHz data rate in frame mode, this word is stretched over two 16-bit words. If using the 128 kHz data rate in regular read/write mode, all 32 bits are sent.
2
Log data for width and height is provided here to ensure that it fits in one full 32-bit data-word. As a result there may be some amount of error in the resulting value.
For more accurate reading, read the 0x3A, 0x3B, 0x3C registers (see Table 51).
3
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.
Table 43. Read Respiration Data—Magnitude Register (RESPMAG) Address 0x1B, Reset Value = 0x0000001, 2
R/W
Default
Bit
Name
Function
R
0
[23:0]
Respiration magnitude[23:0]
Magnitude of respiration signal. This is an unsigned value.
2 × VREF × (224 − 1)/(1.6468 × respiration gain).
1
If using 128 kHz data rate in frame mode, this word is stretched over two 16-bit words. If using the 128 kHz data rate in regular read/write mode, all 32 bits are sent.
2
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.
Table 44. Read Respiration Data—Phase Register (RESPPH) Address 0x1C, Reset Value = 0x0000001, 2
R/W
Default
Bit
Name
Function
R
0
[23:0]
Respiration
phase[23:0]
Phase of respiration signal. Can be interpreted as either signed or unsigned value. If
unsigned, the range is from 0 to 2π. If signed, the range is from – π to +π.
0x000000 = 0.
0x000001 = 2π/224.
0x400000 = π/2.
0x800000 = +π = − π.
0xC00000 = +3π/2 = − π/2.
0xFFFFFF = +2π(1 − 2−24) = −2π/224.
1
This register is not part of framing data, but may be read by issuing a register read command of this address.
2
ADAS1000 model only, ADAS1000-1/ADAS1000-2 models do not contain these features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com