Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 23 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 19Page - Analog Devices ADAS1000 Datasheet HTML 20Page - Analog Devices ADAS1000 Datasheet HTML 21Page - Analog Devices ADAS1000 Datasheet HTML 22Page - Analog Devices ADAS1000 Datasheet HTML 23Page - Analog Devices ADAS1000 Datasheet HTML 24Page - Analog Devices ADAS1000 Datasheet HTML 25Page - Analog Devices ADAS1000 Datasheet HTML 26Page - Analog Devices ADAS1000 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
Rev. A | Page 23 of 80
Figure 42. DNL vs. Input Voltage Range Across Electrodes at 25°C
Figure 43. DNL vs. Input Voltage Range Across Temperature
Figure 44. INL vs. Input Voltage Across Gain Setting for 2 kHz Data Rate
Figure 45. INL vs. Input Voltage Across Electrode Channel for 2 kHz Data Rate
Figure 46. INL vs. Input Voltage Across Gain Setting for 16 kHz Data Rate
Figure 47. INL vs. Input Voltage Across Gain Setting for 128 kHz Data Rate
–50
–20
–30
–40
–10
0
20
10
30
40
50
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
INPUT VOLTAGE (V)
AVDD = 3.3V
LA
LL
RA
V1
V2
–50
–20
–30
–40
–10
0
20
10
30
40
50
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
INPUT VOLTAGE (V)
AVDD = 3.3V
–40°C
–5°C
+25°C
+55°C
+85°C
–150
–100
–50
0
50
100
150
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
INPUT VOLTAGE (V)
GAIN0
GAIN1
GAIN2
GAIN3
AVDD = 3.3V
–150
–100
–50
0
50
100
150
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
INPUT VOLTAGE (V)
AVDD = 3.3V
LA
LL
RA
V1
V2
–100
–50
0
50
100
150
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
INPUT VOLTAGE (V)
AVDD = 3.3V
GAIN0
GAIN1
GAIN2
GAIN3
–150
–100
–50
0
50
100
150
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
INPUT VOLTAGE (V)
AVDD = 3.3V
GAIN0
GAIN1
GAIN2
GAIN3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com