Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 74 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 70Page - Analog Devices ADAS1000 Datasheet HTML 71Page - Analog Devices ADAS1000 Datasheet HTML 72Page - Analog Devices ADAS1000 Datasheet HTML 73Page - Analog Devices ADAS1000 Datasheet HTML 74Page - Analog Devices ADAS1000 Datasheet HTML 75Page - Analog Devices ADAS1000 Datasheet HTML 76Page - Analog Devices ADAS1000 Datasheet HTML 77Page - Analog Devices ADAS1000 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 74 of 80
Example 6: Writing to Master and Slave Devices and Streaming Conversion Data
Slave Configuration
1. Write 1 configures the FRMCTL register to output seven
words per frame/packet. The frame/packet of words consist
of the header, five ECG words, and lead-off. The frame is
configured to always send, irrespective of ready status The
slave ADAS1000-2 is in electrode mode format with a data
rate of 2 kHz.
2. Write 2 configures the CMREFCTL register to receive an
external common mode from the master.
3. Write 3 addresses the ECGCTL register, enabling all
channels into a gain of 1.4, low noise mode. It configures
the device as a slave, in gang mode and driven from the
CLK_IN input source (derived from master ADAS1000).
The ADAS1000-2 slave is also put into conversion mode
in this write, but waits for the SYNC_GANG signal from
the master device before it starts converting.
Master Configuration
1. Write 4 configures the FRMCTL register to output nine
words per frame/packet (note that this differs from the
number of words in a frame available from the slave
device). The frame/packet of words consists of the header,
five ECG words, pace, respiration magnitude, and lead-off.
In this example, the frame is configured to always send
irrespective of ready status. The master, ADAS1000, is in
vector mode format with a data rate of 2 kHz. Similar
to the slave device, the master could be configured for
electrode mode; the host controller would then be required
to make the lead calculations.
2. Write 5 configures the CMREFCTL register for CM =
WCT = (LA + LL + RA)/3; RLD is enabled onto
RLD_OUT electrode. The shield amplifier is enabled.
The CM = WCT signal is driven out of the master device
(CM_OUT) into the slave device (CM_IN).
3. Write 6 addresses the ECGCTL register, enabling all
channels into a gain of 1.4, low noise mode. It configures
the device as a master in gang mode and driven from
the XTAL input source. The ADAS1000 master is set to
differential input, which places it in analog lead mode.
This ECGCTL register write puts the master into
conversion mode, where the device sends an edge on
the SYNC_GANG pin to the slave device to trigger the
simultaneous conversions of both devices.
4. Write 7 issues the read command to start putting the
converted and decimated data out on the SDO pin.
5. Continue to issue SCLK cycles to read the converted data
at the configured packet data rate.
Table 59. Example 6: Writing to Master and Slave Devices and Streaming Conversion Data
Device
Write Command
Register Addressed
R/W
Register Address
Data
32-Bit Write Command
Slave
Write 1
FRMCTL
1
000 1010
0000 0111 1111 0110 0001 0000
0x8A07F610
Write 2
CMREFCTL
1
000 0101
0000 0000 0000 0000 0000 0100
0x85000004
Write 3
ECGCTL
1
000 0001
1111 1000 0000 0000 1101 1110
0x81F800DE
Master
Write 4
FRMCTL
1
000 1010
0000 0111 1001 0110 0000 0000
0x8A079600
Write 5
CMREFCTL
1
000 0101
1110 0000 0000 0000 0000 1011
0x85E0000B
Write 6
ECGCTL
1
000 0001
1111 1000 0000 0100 1011 1110
0x81F804BE
Write 7
FRAMES
0
100 0000
0000 0000 0000 0000 0000 0000
0x40000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com