Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 76 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 72Page - Analog Devices ADAS1000 Datasheet HTML 73Page - Analog Devices ADAS1000 Datasheet HTML 74Page - Analog Devices ADAS1000 Datasheet HTML 75Page - Analog Devices ADAS1000 Datasheet HTML 76Page - Analog Devices ADAS1000 Datasheet HTML 77Page - Analog Devices ADAS1000 Datasheet HTML 78Page - Analog Devices ADAS1000 Datasheet HTML 79Page - Analog Devices ADAS1000 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 76 of 80
POWER SUPPLY, GROUNDING, AND DECOUPLING
STRATEGY
The ADAS1000/ADAS1000-1/ADAS1000-2 should have ample
supply decoupling of 0.01 μF on each supply pin located as close
to the device pin as possible, ideally right up against the device.
In addition, there should be one 4.7 μF capacitor for each of the
power domains, AVDD and IOVDD, again located as close to
the device as possible. IOVDD is best split from AVDD due to
its noisy nature.
Similarly, the ADCVDD and DVDD power domains each
require one 2.2 μF capacitor with ESR in the range of 0.5 Ω to
2 Ω. The ideal location for each 2.2 μF capacitor is dependent
on package type. For the LQFP package and DVDD decoupling,
the 2.2 μF capacitor is best placed between Pin 30 and Pin 31,
while for ADCVDD, the 2.2 μF capacitor should be placed
between Pin 55 and Pin 56. Similarly for the LFCSP package,
the DVDD 2.2 μF capacitor is ideal between Pin 43 and Pin 44,
and between Pin 22 and Pin 23 for ADCVDD. A 0.01 μF
capacitor is recommended for high frequency decoupling at
each pin. The 0.01 μF capacitors should have low effective series
resistance (ESR) and effective series inductance (ESL), such as
the common ceramic capacitors that provide a low impedance
path to ground at high frequencies to handle transient currents
due to internal logic switching.
Digital lines running under the device should be avoided
because these couple noise onto the device. The analog ground
plane should be allowed to run under the device to avoid noise
coupling. The power supply lines should use as large a trace as
possible to provide low impedance paths and reduce the effects
of glitches on the power supply line. Fast switching digital
signals should be shielded with digital ground to avoid radiating
noise to other parts of the board and should never be run near
the reference inputs. It is essential to minimize noise on VREF
lines. Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough throughout the
board. As is the case for all thin packages, take care to avoid
flexing the package and to avoid a point load on the surface of
this package during the assembly process.
During layout of board, ensure that bypass capacitors are placed
as close to the relevant pin as possible, with short, wide traces
ideally on the topside.
AVDD
While the ADAS1000/ADAS1000-1/ADAS1000-2 are
designed to operate from a wide supply rail, 3.15 V to 5.5 V,
the performance is similar over the full range, but overall
power increases with increasing voltage.
ADCVDD AND DVDD SUPPLIES
The AVDD supply rail powers the analog blocks in addition to
the internal 1.8 V regulators for the ADC and the digital core.
If using the internal regulators, connect the VREG_EN pin to
AVDD and then use the ADCVDD and DVDD pins for
decoupling purposes.
The DVDD regulator can be used to drive other external digital
circuitry as required; however the ADCVDD pin is purely
provided for bypassing purposes and does not have available
current for other components.
Where overall power consumption must be minimized, using
external 1.8 V supply rails for both ADCVDD and DVDD
would provide a more efficient solution. The ADCVDD and
DVDD inputs have been designed to be driven externally and
the internal regulators may be disabled by tying VREG_EN pin
directly to ground.
UNUSED PINS/PATHS
In applications where not all ECG paths or functions might be
used, the preferred method of biasing the different functions is
as follows:
•
Unused ECG paths power up disabled. For low power
operation, they should be kept disabled throughout
operation. Ideally, these pins should be connected to
RLD_OUT if not being used.
•
Unused external respiration inputs can be tied to ground if
not in use.
•
If unused, the shield driver can be disabled and output left
to float.
•
CM_OUT, CAL_DAC_IO, DRDY, GPIOx, CLK_IO,
SYNC_GANG can be left open.
LAYOUT RECOMMENDATIONS
To maximize CMRR performance, pay careful attention to
the ECG path layout for each channel. All channels should be
identical to minimize difference in capacitance across the paths.
Place all decoupling as close to the ADAS1000/ADAS1000-1/
ADAS1000-2 devices as possible, with an emphasis on ensuring
that the VREF decoupling be prioritized, with VREF decoupling
on the same side as the ADAS1000/ADAS1000-1/ADAS1000-2
devices, where possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com