Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 46 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 42Page - Analog Devices ADAS1000 Datasheet HTML 43Page - Analog Devices ADAS1000 Datasheet HTML 44Page - Analog Devices ADAS1000 Datasheet HTML 45Page - Analog Devices ADAS1000 Datasheet HTML 46Page - Analog Devices ADAS1000 Datasheet HTML 47Page - Analog Devices ADAS1000 Datasheet HTML 48Page - Analog Devices ADAS1000 Datasheet HTML 49Page - Analog Devices ADAS1000 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 46 of 80
Common Mode
The ADAS1000/ADAS1000-1 have a dedicated CM_OUT
pin serving as an output and a CM_IN pin as an input. In
gang mode, the master device determines the common-mode
voltage based on the selected input electrodes. This common-
mode signal (on CM_OUT) can then be used by subsequent
slave devices (applied to CM_IN) as the common-mode
reference. All electrodes within the slave device are then
measured with respect to the CM_IN signal from the master
device. See the CMREFCTL register in Table 30 for more
details on the control via the serial interface. Figure 74 shows
the connections between a master and slave device using
multiple ADAS1000/ADAS1000-2 devices.
Right Leg Drive
The right leg drive comes from the master device. If the
internal RLD resistors of the slave device are to contribute
to the RLD loop, tie the RLD_SJ pins of master and slave
together.
Sequencing Devices into Gang Mode
When entering gang mode with multiple devices, both
devices can be configured for operation, but the conver-
sion enable bit (ECGCTL register, Bit 2, Table 26) of the
master device should be set after the conversion enable bit
of the slave device. When the master device conversion
signal is set, the master device generates one edge on its
SYNC_GANG pin. This applies to any slave SYNC_GANG
inputs, allowing the devices to synchronize ADC conversions.
Figure 74. Configuring Multiple Devices to Extend Number of Electrodes/Leads
(This Example Uses ADAS1000 as Master and ADAS1000-2 as Slave. Similarly the ADAS1000-1 Could be Use as Master.)
SYNC_GANG
TAKE LEAD
DATA
TAKE
ELECTRODE
DATA
ELECTRODES
×5
VREF
REFOUT
REFIN
CAL_DAC_IO
AMP
AMP
ADC
RESPIRATION PATH
MUXES
AC
LEAD-OFF
DAC
ADC
5 × ECG PATH
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
PACE
DETECTION
CS
SCLK
SDI
SDO
DRDY
LEAD-OFF
DETECTION
COMMON-
MODE AMP
DRIVEN
LEAD AMP
SHIELD
DRIVE
AMP
SHIELD
RLD_OUT
CM_IN
XTAL1
XTAL2
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
EXT RESP_LA
EXT RESP LL
VCM_REF
(1.3V)
CLK_IO
AVDD
ADCVDD
DVDD
EXT RESP_RA
CM_OUT/
WCT
AC
LEAD-OFF
DAC
10kΩ
ADCVDD, DVDD
1.8V
REGULATORS
(optional)
(optional)
ADAS1000
CAL_DAC_IN
CM_IN
SYNC_GANG
ELECTRODES
×5
AMP
MUXES
ADC
5 × ECG PATH
FILTERS,
CONTROL,
AND
INTERFACE
LOGIC
PACE
DETECTION
CS
SCLK
SDI
SDO
DRDY
LEAD-OFF
DETECTION
COMMON-
MODE AMP
RLD_SJ
IOVDD
CLOCK GEN/OSC/
EXTERNAL CLK
SOURCE
VCM_REF
(1.3V)
CLK_IO
AVDD
ADCVDD
DVDD
ADCVDD, DVDD
1.8V
REGULATORS
(optional)
(optional)
ADAS1000-2
SLAVE
CALIBRATION
DAC
RESPIRATION
DAC
VREF
REFOUT
REFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com