Electronic Components Datasheet Search
  English  ▼

X  

ADAS1000 Datasheet(PDF) 22 Page - Analog Devices

Part # ADAS1000
Description  Low Power, Five Electrode trocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADAS1000 Datasheet HTML 18Page - Analog Devices ADAS1000 Datasheet HTML 19Page - Analog Devices ADAS1000 Datasheet HTML 20Page - Analog Devices ADAS1000 Datasheet HTML 21Page - Analog Devices ADAS1000 Datasheet HTML 22Page - Analog Devices ADAS1000 Datasheet HTML 23Page - Analog Devices ADAS1000 Datasheet HTML 24Page - Analog Devices ADAS1000 Datasheet HTML 25Page - Analog Devices ADAS1000 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Rev. A | Page 22 of 80
Figure 36. Respiration with 100 mΩ Impedance Variation, Using Internal
Respiration Paths and Measured with a 0 Ω Patient Cable
Figure 37. Respiration with 200 mΩ Impedance Variation, Using Internal
Respiration Paths and Measured with a 5 kΩ Patient Cable
Figure 38. Respiration with 200 mΩ Impedance Variation, Using External
Respiration DAC Driving 100 pF External Capacitor and Measured with a 0 Ω
Patient Cable
Figure 39. Respiration with 200 mΩ Impedance Variation, Using External
Respiration DAC Driving 100 pF External Capacitor and Measured with a
5 kΩ Patient Cable
Figure 40. Respiration with 200 mΩ Impedance Variation, Using External
Respiration DAC Driving 1 nF External Capacitor and Measured with a 1.5 kΩ
Patient Cable
Figure 41. Respiration with 100 mΩ Impedance Variation, Using External
Respiration DAC Driving 1 nF External Capacitor and Measured with a 1.5 kΩ
Patient Cable
0
5
10
15
20
25
30
TIME (Seconds)
0.121115
0.121120
0.121125
0.121130
0.121135
0.121140
0.121145
AVDD = 3.3V
ECG PATH/DEFIB/CABLE IMPEDANCE = 0Ω
PATIENT IMPEDANCE = 1kΩ
RESPIRATION RATE = 10RESPPM
RESPAMP = 11 = 60µA p-p
RESPGAIN = 0011 = 4
0
5
10
15
20
25
30
0.663130
0.663135
0.663140
0.663145
0.663150
0.663155
0.663160
TIME (ms)
AVDD = 3.3V
ECG PATH/DEFIB/CABLE IMPEDANCE = 5k
Ω
PATIENT IMPEDANCE = 1k
Ω
RESPIRATION RATE = 10RESPPM
RESPAMP = 11 = 60µA p-p
RESPGAIN = 0011 = 4
0
5
10
15
20
25
30
TIME (ms)
0.062335
0.062340
0.062345
0.062350
0.062355
0.062360
0.062365
AVDD = 3.3V
ECG PATH/DEFIB/CABLE IMPEDANCE = 0Ω
PATIENT IMPEDANCE = 1kΩ
EXTCAP = 100pF
RESPIRATION RATE = 10RESPPM
RESPAMP = 11 = 60µA p-p
RESPGAIN = 0011 = 4
0
5
10
15
20
25
30
TIME (Seconds)
0.517360
0.517365
0.517370
0.517375
0.517380
0.517385
0.517390
AVDD = 3.3V
ECG PATH/DEFIB/CABLE IMPEDANCE = 5k
Ω/250pF
PATIENTIMPEDANCE = 1k
Ω
EXTCAP = 100pF
RESPIRATION RATE = 10RESPPM
RESPAMP = 11 = 60µA p-p
RESPGAIN = 0011 = 4
0
5
10
15
20
25
30
TIME (ms)
0.159745
0.159750
0.159755
0.159760
0.159765
0.159770
0.159775
TIME (seconds)
AVDD = 3.3V
ECG PATH/DEFIB/CABLE IMPEDANCE = 1.5k
Ω/600pF
PATIENT IMPEDANCE = 1k
Ω
EXTCAP = 1nF
RESPIRATION RATE = 10RESPPM
RESPAMP = 11 = 60µA p-p
RESPGAIN = 0011 = 4
0
5
10
15
20
25
30
TIME (Seconds)
0.159118
0.159119
0.159120
0.159121
0.159122
0.159123
0.159124
0.159125
0.159126
EXTCAP= 1nF
RESPIRATION RATE = 10RESPPM
RESPAMP = 11 = 60µA p-p
RESPGAIN = 0011 = 4
AVDD = 3.3V
ECG PATH/DEFIB/CABLE IMPEDANCE = 1.5kΩ/600pF
PATIENT IMPEDANCE = 1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com