Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6620 Datasheet HTML 1Page - Analog Devices ADRF6620 Datasheet HTML 2Page - Analog Devices ADRF6620 Datasheet HTML 3Page - Analog Devices ADRF6620 Datasheet HTML 4Page - Analog Devices ADRF6620 Datasheet HTML 5Page - Analog Devices ADRF6620 Datasheet HTML 6Page - Analog Devices ADRF6620 Datasheet HTML 7Page - Analog Devices ADRF6620 Datasheet HTML 8Page - Analog Devices ADRF6620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 5 of 52
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
fLO = 2.305 GHz, fVCO1 = 4.610 GHz
fPFD Spurs
fPFD × 1
−84
dBc
fPFD × 2
−87
dBc
fPFD × 3
−91
dBc
fPFD × 4
−92
dBc
Closed-Loop Phase Noise
1 kHz offset
−93
dBc/Hz
10 kHz offset
105
dBc/Hz
100 kHz offset
−103
dBc/Hz
800 kHz offset
−116
dBc/Hz
1 MHz offset
−130
dBc/Hz
6 MHz offset
−144
dBc/Hz
10 MHz offset
−152
dBc/Hz
40 MHz offset
−156
dBc/Hz
Integrated Phase Noise
10 kHz to 40 MHz integration bandwidth
0.3
° rms
Figure of Merit1
−222
dBc/Hz
fLO = 2.75 GHz, fVCO2 = 5.5 GHz
fPFD Spurs
fPFD × 1
−82
dBc
fPFD × 2
−88
dBc
fPFD × 3
−93
dBc
fPFD × 4
−96
dBc
Closed-Loop Phase Noise
1 kHz offset
−93
dBc/Hz
10 kHz offset
−101
dBc/Hz
100 kHz offset
−99
dBc/Hz
800 kHz offset
−122
dBc/Hz
1 MHz offset
−128
dBc/Hz
6 MHz offset
−144
dBc/Hz
10 MHz offset
−151
dBc/Hz
40 MHz offset
−154
dBc/Hz
Integrated Phase Noise
10 kHz to 40 MHz integration bandwidth
0.38
° rms
Figure of Merit1
−222
dBc/Hz
1
Figure of merit (FOM) is computed as phase noise (dBc/Hz) – 10 log 10(fPFD) – 20 log 10(fLO/fPFD). The FOM was measured across the full LO range, with fREF = 160 MHz
and fREF power = 4 dBm (500 V/µs slew rate) with a 40 MHz fPFD. The FOM was computed at 50 kHz offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com