Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 12Page - Analog Devices ADRF6620 Datasheet HTML 13Page - Analog Devices ADRF6620 Datasheet HTML 14Page - Analog Devices ADRF6620 Datasheet HTML 15Page - Analog Devices ADRF6620 Datasheet HTML 16Page - Analog Devices ADRF6620 Datasheet HTML 17Page - Analog Devices ADRF6620 Datasheet HTML 18Page - Analog Devices ADRF6620 Datasheet HTML 19Page - Analog Devices ADRF6620 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 16 of 52
200
210
220
230
240
250
260
270
280
290
300
350
850
1350
1850
2350
2850
LO FREQUENCY (MHz)
LO_DRV_LVL = 00
LO_DRV_LVL = 01
LO_DRV_LVL = 10
LO_DRV_LVL = 11
TA = –40°C
TA = +25°C
TA = +85°C
Figure 32. Supply Current vs. LO Frequency; LO_DRV_LVL = 00, 01, 10, and 11
RF FREQUENCY (MHz)
–80
–70
–60
–50
–40
–30
–20
–10
0
600
1000
1400
1800
2200
2600
3000
Figure 33. RF to LO Output Feedthrough, LO_DRV_LVL = 00
2818.2
2823.2
2828.2
2833.2
2838.2
2843.2
2848.2
2853.2
2858.2
2863.2
2868.2
0
25
50
75
100
125
150
175
200
225
250
TIME (µs)
Figure 34. LO Frequency Settling Time, Loop Filter Bandwidth = 120 kHz
–10
–8
–6
–4
–2
0
2
4
6
8
10
350
850
1350
1850
2350
2850
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
LO_DRV_LVL = 00
LO_DRV_LVL = 01
LO_DRV_LVL = 11
LO_DRV_LVL = 10
Figure 35. LO Amplitude vs. LO Frequency; LO_DRV_LVL = 00, 01, 10, and 11
LO FREQUENCY (MHz)
–100
–98
–96
–94
–92
–90
–88
–86
–84
–82
–80
–78
–76
–74
–72
–70
1384
1584
1784
1984
2184
2384
2584
2784
LO OUTPUT
DGA OUTPUT
Figure 36. fPFD Spurs, LO_DIV_A = 01, 1× PFD Offset;
Measured on LO Output and DGA Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com