Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 14Page - Analog Devices ADRF6620 Datasheet HTML 15Page - Analog Devices ADRF6620 Datasheet HTML 16Page - Analog Devices ADRF6620 Datasheet HTML 17Page - Analog Devices ADRF6620 Datasheet HTML 18Page - Analog Devices ADRF6620 Datasheet HTML 19Page - Analog Devices ADRF6620 Datasheet HTML 20Page - Analog Devices ADRF6620 Datasheet HTML 21Page - Analog Devices ADRF6620 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 18 of 52
–8
–7
–6
–5
–4
–3
–2
–1
0
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
RFSW_SEL = 00
RFSW_SEL = 01
RFSW_SEL = 10
RFSW_SEL = 11
Figure 43. Mixer Gain vs. RF Frequency; RFSW_SEL = 00, 01, 10, and 11
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
ISOLATION RFSW_SEL = 00 TO 11
ISOLATION RFSW_SEL = 00 TO 01
ISOLATION RFSW_SEL = 00 TO 10
Figure 44. Mixer Input to Mixer Output Isolation vs. RF Frequency;
RFSW_SEL = 00 Driven
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
ISOLATION RFSW_SEL = 01 TO 11
ISOLATION RFSW_SEL = 01 TO 00
ISOLATION RFSW_SEL = 01 TO 10
Figure 45. Mixer Input to Mixer Output Isolation vs. RF Frequency;
RFSW_SEL = 01 Driven
RF FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
90
100
600
1000
1400
1800
2200
2600
3000
RFSW_SEL = 00
RFSW_SEL = 01
RFSW_SEL = 10
RFSW_SEL = 11
IIP2 (dBm)
IIP3 (dBm)
Figure 46. Mixer IIP2/IIP3 vs. RF Frequency; RFSW_SEL = 00, 01, 10, and 11
RF FREQUENCY (MHz)
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
600
1000
1400
1800
2200
2600
3000
ISOLATION RFSW_SEL = 11 TO 11
ISOLATION RFSW_SEL = 11 TO 00
ISOLATION RFSW_SEL = 11 TO 01
Figure 47. Mixer Input to Mixer Output Isolation vs. RF Frequency;
RFSW_SEL = 11 Driven
RF FREQUENCY (MHz)
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
600
1000
1400
1800
2200
2600
3000
ISOLATION RFSW_SEL = 10 TO 11
ISOLATION RFSW_SEL = 10 TO 00
ISOLATION RFSW_SEL = 10 TO 01
Figure 48. Mixer Input to Mixer Output Isolation vs. RF Frequency;
RFSW_SEL = 10 Driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com