Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 4Page - Analog Devices ADRF6620 Datasheet HTML 5Page - Analog Devices ADRF6620 Datasheet HTML 6Page - Analog Devices ADRF6620 Datasheet HTML 7Page - Analog Devices ADRF6620 Datasheet HTML 8Page - Analog Devices ADRF6620 Datasheet HTML 9Page - Analog Devices ADRF6620 Datasheet HTML 10Page - Analog Devices ADRF6620 Datasheet HTML 11Page - Analog Devices ADRF6620 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 8 of 52
DIGITAL LOGIC SPECIFICATIONS
Table 6.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SERIAL PORT INTERFACE TIMING
Input Voltage High
VIH
1.4
V
Input Voltage Low
VIL
0.70
V
Output Voltage High
VOH
IOH = −100 µA
2.3
V
Output Voltage Low
VOL
IOL = +100 µA
0.2
V
Serial Clock Period
tSCLK
38
ns
Setup Time Between Data and Rising Edge of SCLK
tDS
8
ns
Hold Time Between Data and Rising Edge of SCLK
tDH
8
ns
Setup Time Between Falling Edge of CS and SCLK
tS
10
ns
Hold Time Between Rising Edge of CS and SCLK
tH
10
ns
Minimum Period SCLK Can Be in Logic High State
tHIGH
10
ns
Minimum Period SCLK Can Be in Logic Low State
tLOW
10
ns
Maximum Time Delay Between Falling Edge of SCLK and Output
Data Valid for a Read Operation
tACCESS
231
ns
Maximum Time Delay Between CS Deactivation and SDIO Bus
Return to High Impedance
tZ
5
ns
Timing Diagram
tS
tDS
tDH
tHIGH
tLOW
tSCLK
tH
DON'T CARE
DON'T CARE
A5
A4
A3
A2
A1
A0
D15
D14
D13
D3
D2
D1
D0
DON'T CARE
DON'T CARE
SCLK
SDIO
R/W
tZ
tACCESS
A6
CS
Figure 2. Serial Port Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com