Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 18Page - Analog Devices ADRF6620 Datasheet HTML 19Page - Analog Devices ADRF6620 Datasheet HTML 20Page - Analog Devices ADRF6620 Datasheet HTML 21Page - Analog Devices ADRF6620 Datasheet HTML 22Page - Analog Devices ADRF6620 Datasheet HTML 23Page - Analog Devices ADRF6620 Datasheet HTML 24Page - Analog Devices ADRF6620 Datasheet HTML 25Page - Analog Devices ADRF6620 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 22 of 52
SPURIOUS PERFORMANCE
(N × fRF) − (M × fLO) spur measurements were made using the standard evaluation board. Mixer spurious products were measured in decibels
(dB) relative to the carrier (dBc) from the IF output power level. Data is shown for all spurious components greater than −115 dBc and
frequencies of less than 3 GHz.
915 MHz Performance
VCCx = 5 V, TA = 25°C, RF power = 0 dBm, internal LO, fRF = 914 MHz, fLO = 1114 MHz
M
0
1
2
3
4
5
6
N
0
−34
−35
1
−43
0
−52
−16
2
−72
−60
−72
−67
−74
3
−102
−73
−103
−78
<−115
−80
4
−102
<−115
<−115
<−115
<−115
5
<−115
−105
<−115
<−115
<−115
6
<−115
<−115
<−115
<−115
1910 MHz Performance
VCCx = 5 V, TA = 25°C, RF power = 0 dBm, internal LO, fRF = 1910 MHz, fLO = 2110 MHz.
M
0
1
2
3
4
5
6
N
0
−38.208
1
−40.462
−0.001
−50.9
2
−59.208
−69.655
−62.35
3
−106.741
−74.322
−106.429
4
<−115
<−115
<−115
5
<−115
<−115
−110.954
6
<−115
<−115
2140 MHz Performance
VCCx = 5 V, TA = 25°C, RF power = 0 dBm, internal LO, fRF = 2140 MHz, fLO = 2340 MHz.
M
0
1
2
3
4
5
6
N
0
−40
1
−36
0
−45
2
−58
−67
−59
3
<−115
−74
<−115
4
<−115
<−115
<−115
5
<−115
<−115
<−115
6
<−115
<−115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com