Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 10Page - Analog Devices ADRF6620 Datasheet HTML 11Page - Analog Devices ADRF6620 Datasheet HTML 12Page - Analog Devices ADRF6620 Datasheet HTML 13Page - Analog Devices ADRF6620 Datasheet HTML 14Page - Analog Devices ADRF6620 Datasheet HTML 15Page - Analog Devices ADRF6620 Datasheet HTML 16Page - Analog Devices ADRF6620 Datasheet HTML 17Page - Analog Devices ADRF6620 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 14 of 52
230
225
220
215
210
205
200
1400
1600
1800
2000
2200
2400
2600
2800
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. PLL Figure of Merit (FOM) vs. LO Frequency
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VCO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
1kHz OFFSET
10kHz OFFSET
100kHz OFFSET
800kHz OFFSET
6MHz OFFSET
2579
2979
3379
3779
4179
4579
4979
5379
5779
Figure 21. Open-Loop Phase Noise vs. VCO Frequency;
LO_DIV_A = 00
–160
–155
–150
–95
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–90
–85
LO FREQUENCY (MHz)
1384
1584
1784
1984
2184
2384
2584
2784
TA = –40°C
TA = +25°C
TA = +85°C
1kHz OFFSET
50kHz OFFSET
400kHz OFFSET
1MHz OFFSET
10MHz OFFSET
–165
Figure 22. 120 kHz Bandwidth Loop Phase Noise, LO_DIV_A = 01;
Offset = 1 kHz, 50 kHz, 400 kHz, 1 MHz, and 10 MHz
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
2800
3200
3600
4000
4400
4800
5200
5600
VCO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 23. VTUNE vs. VCO Frequency
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–
110
–105
–100
2579
2979
3379
3779
4179
4579
4979
5379
5779
VCO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
1MHz OFFSET
10MHz OFFSET
40MHz OFFSET
Figure 24. Open-Loop Phase Noise vs. VCO Frequency;
LO_DIV_A = 00
LO FREQUENCY (MHz)
–165
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
1384
1584
1784
1984
2184
2384
2584
2784
TA = –40°C
TA = +25°C
TA = +85°C
100kHz OFFSET
800kHz OFFSET
6MHz OFFSET
40MHz OFFSET
Figure 25. 120 kHz Bandwidth Loop Phase Noise, LO_DIV_A = 01;
Offset = 100 kHz, 800 kHz, 6 MHz, and 40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com