Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 3Page - Analog Devices ADRF6620 Datasheet HTML 4Page - Analog Devices ADRF6620 Datasheet HTML 5Page - Analog Devices ADRF6620 Datasheet HTML 6Page - Analog Devices ADRF6620 Datasheet HTML 7Page - Analog Devices ADRF6620 Datasheet HTML 8Page - Analog Devices ADRF6620 Datasheet HTML 9Page - Analog Devices ADRF6620 Datasheet HTML 10Page - Analog Devices ADRF6620 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 7 of 52
IF DGA SPECIFICATIONS
VCCx = 5 V, TA = 25°C, RS = RL = 150 Ω differential, fIF = 200 MHz, 2 V p-p differential output,unless otherwise noted. All losses from
input and output traces and baluns are de-embedded from results.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
BANDWIDTH
−1 dB Bandwidth
VOUT = 2 V p-p
500
MHz
−3 dB Bandwidth
VOUT = 2 V p-p
700
MHz
SLEW RATE
5.5
V/ns
INPUT STAGE
Input P1dB
At minimum gain
17
dBm
Input Impedance
150
Ω
Common-Mode Input Voltage
1.5
V
Common-Mode Rejection Ratio (CMRR)
50
dB
GAIN
Power/Voltage Gain, Step Size = 0.5 dB
3
15
dB
Gain Flatness
50 MHz < fC < 200 MHz
0.2
dB
Gain Conformance Error
±0.1
dB
Gain Temperature Sensitivity
0.008
dB/C
Gain Step Response
15
ns
OUTPUT STAGE
Output P1dB
18
dBm
Output Impedance
See Figure 88
150
Ω
NOISE/HARMONIC PERFORMANCE at 200 MHz
Output IP3
1 V p-p each output tone, 1 MHz tone spacing
45
dBm
Output IP2
1 V p-p each output tone, 1 MHz tone spacing
63
dBm
HD2
VOUT = 2 V p-p
−
87
dBc
HD3
VOUT = 2 V p-p
−
84
dBc
Noise Figure
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com