Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6620 Datasheet HTML 1Page - Analog Devices ADRF6620 Datasheet HTML 2Page - Analog Devices ADRF6620 Datasheet HTML 3Page - Analog Devices ADRF6620 Datasheet HTML 4Page - Analog Devices ADRF6620 Datasheet HTML 5Page - Analog Devices ADRF6620 Datasheet HTML 6Page - Analog Devices ADRF6620 Datasheet HTML 7Page - Analog Devices ADRF6620 Datasheet HTML 8Page - Analog Devices ADRF6620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 2 of 52
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
RF Input to IF DGA Output System Specifications................. 3
Synthesizer/PLL Specifications................................................... 4
RF Input to Mixer Output Specifications.................................. 6
IF DGA Specifications ................................................................. 7
Digital Logic Specifications......................................................... 8
Absolute Maximum Ratings............................................................ 9
Thermal Resistance ...................................................................... 9
ESD Caution.................................................................................. 9
Pin Configuration and Function Descriptions........................... 10
Typical Performance Characteristics ........................................... 11
RF Input to DGA Output System Performance ..................... 11
Phase-Locked Loop (PLL)......................................................... 13
RF Input to Mixer Output Performance ................................. 17
IF DGA ........................................................................................ 20
Spurious Performance................................................................ 22
Theory of Operation ...................................................................... 24
RF Input Switches....................................................................... 24
Tunable Balun ............................................................................. 25
RF Digital Step Attenuator (DSA)............................................ 25
Active Mixer................................................................................ 25
Digitally Programmable Variable Gain Amplifier (DGA).... 25
LO Generation Block ................................................................. 26
Serial Port Interface (SPI) ......................................................... 27
Basic Connections...................................................................... 28
RF Input Balun Insertion Loss Optimization......................... 30
IP3 and Noise Figure Optimization......................................... 31
Interstage Filtering Requirements............................................ 35
IF DGA vs. Load......................................................................... 38
ADC Interfacing......................................................................... 39
Power Modes............................................................................... 40
Layout .......................................................................................... 40
Register Map ................................................................................... 41
Register Address Descriptions...................................................... 42
Register 0x00, Reset: 0x00000, Name: SOFT_RESET ........... 42
Register 0x01, Reset: 0x8B7F, Name: Enables ........................ 42
Register 0x02, Reset: 0x0058, Name: INT_DIV..................... 43
Register 0x03, Reset: 0x0250, Name: FRAC_DIV ................. 43
Register 0x04, Reset: 0x0600, Name: MOD_DIV.................. 43
Register 0x20, Reset: 0x0C26, Name: CP_CTL...................... 44
Register 0x21, Reset: 0x0003, Name: PFD_CTL.................... 45
Register 0x22, Reset: 0x000A, Name: FLO_CTL ................... 46
Register 0x23, Reset: 0x0000, Name: DGA_CTL................... 47
Register 0x30, Reset: 0x00000, Name: BALUN_CTL............ 48
Register 0x31, Reset: 0x08EF, Name: MIXER_CTL .............. 48
Register 0x40, Reset: 0x0010, Name: PFD_CTL2.................. 49
Register 0x42, Reset: 0x000E, Name: DITH_CTL1............... 50
Register 0x43, Reset: 0x0001, Name: DITH_CTL2 ............... 50
Outline Dimensions....................................................................... 51
Ordering Guide .......................................................................... 51
REVISION HISTORY
7/13—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com