Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 21Page - Analog Devices ADRF6620 Datasheet HTML 22Page - Analog Devices ADRF6620 Datasheet HTML 23Page - Analog Devices ADRF6620 Datasheet HTML 24Page - Analog Devices ADRF6620 Datasheet HTML 25Page - Analog Devices ADRF6620 Datasheet HTML 26Page - Analog Devices ADRF6620 Datasheet HTML 27Page - Analog Devices ADRF6620 Datasheet HTML 28Page - Analog Devices ADRF6620 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 25 of 52
TUNABLE BALUN
The ADRF6620 integrates a programmable balun operating over
a frequency range from 700 MHz to 2700 MHz. The tunable
balun offers the benefit of ease of drivability from a single-ended
50 Ω RF input, and the single-ended-to-differential conversion
of the balun optimizes common-mode rejection.
BAL_COUT
REG 0x30[7:5]
BAL_CIN
REG 0x30[3:1]
RFINx
Figure 67. Integrated Tunable Balun
The RF balun is tuned by switching parallel capacitances on the
primary and secondary sides by writing to Register 0x30. The
added capacitance, in parallel with the inductive windings of the
balun, changes the resonant frequency of the inductive capacitive
(LC) tank. Therefore, selecting the proper combination of BAL_
CIN (Register 0x30, Bits[3:1]) and BAL_COUT (Register 0x30,
Bits[7:5]) sets the desired frequency and minimizes the insertion
loss of the balun. Under most circumstances, the input and output
can be tuned together; however, sometimes for matching reasons,
it may be advantageous to tune them separately. See the RF Input
Balun Insertion Loss Optimization section for the recommended
BAL_CIN and BAL_COUT settings.
RF DIGITAL STEP ATTENUATOR (DSA)
The RF DSA follows the tunable balun. The attenuation range is
0 dB to 15 dB with a step size of 1 dB. DSA attenuation is set using
the RFDSA_SEL bits (Register 0x23, Bits[8:5]).
ACTIVE MIXER
The double balanced mixer uses high performance SiGe NPN
transistors. This mixer is based on the Gilbert cell design of four
cross-connected transistors.
The mixer output has a 255 Ω differential output resistance.
Bias the mixer outputs using either a pair of supply referenced
RF chokes or an output transformer with the center tap connected
to the positive supply.
DIGITALLY PROGRAMMABLE VARIABLE GAIN
AMPLIFIER (DGA)
The ADRF6620 integrates a differential IF DGA consisting of a
150 Ω digitally controlled passive attenuator followed by a highly
linear transconductance amplifier with feedback. The attenuation
range is 12 dB, and the transconductor amplifier has a fixed gain
of 15 dB. Therefore, at minimum attenuation, the gain of the IF
DGA is 15 dB; at maximum attenuation, the gain is 3 dB. The
attenuation is controlled by addressing the IF_ATTN bits in
Register 0x23, Bits[4:0]. The attenuation step size is 0.5 dB.
REF
IFIN+
IFIN–
IFOUT1+
IFOUT1–
IFOUT2+
IFOUT2–
ATTENUATOR
RIN
RS
R
OUT
RL
+5V
gm
AMP
LOGIC
15
16
11
8
9
10
Figure 68. Simplified IF DGA Schematic
An independent internal voltage reference circuit sets the dc
voltage level at the input of the amplifier to approximately 1.5 V.
This reference is not accessible and cannot be adjusted.
The IF DGA consumes 35 mA through the VCC2 pin (Pin 12)
and 75 mA through the two output choke inductors. The IF
DGA can be powered down by disabling the IF_AMP_EN bit
(Register 0x01, Bit 11). In its power-down state, the IF DGA
current reduces to 6 mA. The dc bias level at the input remains
at approximately 1.5 V when the DGA is disabled.
At minimum attenuation, the gain of the IF DGA is 15 dB when
driving a 150 Ω load. The source and load resistance of the
amplifier is set to 150 Ω in a matched condition. If the load or
the source resistance is not equal to 150 Ω, the following equations
can be used to determine the resulting gain and input/output
resistances.
Voltage Gain = AV = 0.044 × (1000||RL)
RIN = (1000 + RL)/(1 + 0.044 × RL)
S21 (Gain) = 2 × RIN/(RIN + RS) × AV
ROUT = (1000 + RS)/(1 + 0.044 × RS)
The dc current to the outputs of each amplifier is supplied
through two external choke inductors. The inductance of the
chokes and the resistance of the load, in parallel with the output
resistance of the device, add a low frequency pole to the response.
The parasitic capacitance of the chokes adds to the output capa-
citance of the part. This total capacitance, in parallel with the
load and output resistance, sets the high frequency pole of the
device. In general, the larger the inductance of the choke, the
higher the parasitic capacitance. Therefore, this trade-off must be
considered when the value and type of the choke are selected.
For each polarity, the amplifier has two output pins that are
oriented in an alternating fashion: IFOUT1+ (Pin 8), IFOUT1−
(Pin 9), IFOUT2+ (Pin 10), and IFOUT2− (Pin 11). When
designing the board, minimize the parasitic capacitance caused
by routing the corresponding outputs together. See the Layout
section for the recommended printed circuit board (PCB)
layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com