Electronic Components Datasheet Search
  English  ▼

X  

ADRF6620 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6620
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6620 Datasheet HTML 7Page - Analog Devices ADRF6620 Datasheet HTML 8Page - Analog Devices ADRF6620 Datasheet HTML 9Page - Analog Devices ADRF6620 Datasheet HTML 10Page - Analog Devices ADRF6620 Datasheet HTML 11Page - Analog Devices ADRF6620 Datasheet HTML 12Page - Analog Devices ADRF6620 Datasheet HTML 13Page - Analog Devices ADRF6620 Datasheet HTML 14Page - Analog Devices ADRF6620 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 11 of 52
TYPICAL PERFORMANCE CHARACTERISTICS
RF INPUT TO DGA OUTPUT SYSTEM PERFORMANCE
VCCx = 5 V, TA = 25°C, RFDSA_SEL = 00 (0 dB), RFSW_SEL = 00 (RFIN0), BAL_CIN and BAL_COUT optimized for maximum gain;
MIXER_BIAS, MIXER_RDAC, and MIXER_CDAC optimized for highest linearity, DGA at maximum gain; third-order low-pass filter
between the mixer output and IF DGA input; high-side LO, internal LO frequency, IF frequency = 200 MHz, unless otherwise noted. All
losses from input and output traces and baluns are de-embedded from results.
5
6
7
8
9
10
11
12
13
14
15
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 4. Gain vs. RF Frequency; IF Frequency = 200 MHz
0
2
4
6
8
10
12
14
16
18
20
22
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 5. OP1dB vs. RF Frequency
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
RF FREQUENCY = 900MHz
RF FREQUENCY = 2700MHz
RF FREQUENCY = 2100MHz
RF FREQUENCY = 1900MHz
Figure 6. Gain vs. IF Frequency; LO Sweep with Fixed RF, IF Roll-Off
IF FREQUENCY (MHz)
0
2
4
6
8
10
12
14
16
18
20
22
50
100
150
200
250
300
350
400
450
500
RF FREQUENCY = 900MHz
RF FREQUENCY = 1900MHz
RF FREQUENCY = 2100MHz
RF FREQUENCY = 2700MHz
Figure 7. OP1dB vs. IF Frequency; LO Sweep with Fixed RF, IF Roll-Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com