Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 198 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 198 Page - Texas Instruments

Back Button DM385 Datasheet HTML 194Page - Texas Instruments DM385 Datasheet HTML 195Page - Texas Instruments DM385 Datasheet HTML 196Page - Texas Instruments DM385 Datasheet HTML 197Page - Texas Instruments DM385 Datasheet HTML 198Page - Texas Instruments DM385 Datasheet HTML 199Page - Texas Instruments DM385 Datasheet HTML 200Page - Texas Instruments DM385 Datasheet HTML 201Page - Texas Instruments DM385 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
8.9
High-Definition Multimedia Interface (HDMI)
The device includes an HDMI 1.3a-compliant transmitter for digital video and audio data to display
devices. The HDMI interface consists of a digital HDMI transmitter core with TMDS encoder, a core
wrapper with interface logic and control registers, and a transmit PHY, with the following features:
•
Hot-plug detection
•
Consumer electronics control (CEC) messages
•
DVI 1.0 compliant (only RGB pixel format)
•
CEA 861-D and VESA DMT formats
•
Supports up to 165-MHz pixel clock
–
1920 x 1080p @75 Hz with 8-bit/component color depth
–
1600 x 1200 @60 Hz with 8-bit/component color depth
•
Support for deep-color mode:
–
10-bit/component color depth up to 1080p @60 Hz (Max pixel clock = 148.5 MHz)
–
12-bit/component color depth up to 720p/1080i @60 Hz (Max pixel clock = 123.75 MHz)
•
TMDS clock to the HDMI-PHY is up to 185.625 MHz
•
Maximum supported pixel clock:
–
165 MHz for 8-bit color depth
–
148.5 MHz for 10-bit color depth
–
123.75 MHz for 12-bit color depth
•
Uncompressed multichannel (up to eight channels) audio (L-PCM) support
•
Master I2C interface for display data channel (DDC) connection
•
Options available to support HDCP encryption engine for transmitting protected audio and video (for
information, contact your local TI sales representative).
For more details on the HDMI, see the High-Definition Multimedia Interface (HDMI) chapter in the device-
specific Technical Reference Manual.
8.9.1
HDMI Design Guidelines
This section provides PCB design and layout guidelines for the HDMI interface. The design rules constrain
PCB trace length, PCB trace skew, signal integrity, cross-talk, and signal timing. Simulation and system
design work has been done to ensure the HDMI interface requirements are met.
8.9.1.1
HDMI Interface Schematic
The HDMI bus is separated into three main sections:
1. Transition Minimized Differential Signaling (TMDS) high-speed digital video interface
2. Display Data Channel (I2C bus for configuration and status exchange between two devices)
3. Consumer Electronics Control (optional) for remote control of connected devices.
The DDC and CEC are low-speed interfaces, so nothing special is required for PCB layout of these
signals. Their connection is shown in Figure 8-37, HDMI Interface High-Level Schematic.
The TMDS channels are high-speed differential pairs and, therefore, require the most care in layout.
Specifications for TMDS layout are below.
Figure 8-37 shows the HDMI interface schematic. The specific pin numbers can be obtained from , HDMI
Terminal Functions.
198
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com