Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 202 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 202 Page - Texas Instruments

Back Button DM385 Datasheet HTML 198Page - Texas Instruments DM385 Datasheet HTML 199Page - Texas Instruments DM385 Datasheet HTML 200Page - Texas Instruments DM385 Datasheet HTML 201Page - Texas Instruments DM385 Datasheet HTML 202Page - Texas Instruments DM385 Datasheet HTML 203Page - Texas Instruments DM385 Datasheet HTML 204Page - Texas Instruments DM385 Datasheet HTML 205Page - Texas Instruments DM385 Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
8.10.1 HDVPSS Electrical Data/Timing
Table 8-35. Timing Requirements for HDVPSS Input
(see Figure 8-38 and Figure 8-39)
OPP100/OPP120/
Turbo/Nitro
NO.
UNIT
MIN
MAX
VIN[X]A_CLK
1
tc(CLK)
Cycle time, VIN[x]A_CLK
6.06(1)
ns
2
tw(CLKH)
Pulse duration, VIN[x]A_CLK high (45% of tc)
2.73
ns
3
tw(CLKH)
Pulse duration, VIN[x]A_CLK low (45% of tc)
2.73
ns
7
tt(CLK)
Transition time, VIN[x]A_CLK (10%-90%)
2.64
ns
tsu(DE-CLK)
tsu(VSYNC-CLK)
Input setup time, control valid to VIN[x]A_CLK high/low
3.11
4
tsu(FLD-CLK)
ns
tsu(HSYNC-CLK)
tsu(D-CLK)
Input setup time, data valid to VIN[x]A_CLK high/low
3.11
th(CLK-DE)
th(CLK-VSYNC)
Input hold time, control valid from VIN[x]A_CLK high/low
-0.5
5
th(CLK-FLD)
ns
th(CLK-HSYNC)
th(CLK-D)
Input hold time, data valid from VIN[x]A_CLK high/low
-0.5
VIN[x]B_CLK
1
tc(CLK)
Cycle time, VIN[x]B_CLK
6.06(1)
ns
2
tw(CLKH)
Pulse duration, VIN[x]B_CLK high (45% of tc)
2.73
ns
3
tw(CLKH)
Pulse duration, VIN[x]B_CLK low (45% of tc)
2.73
ns
7
tt(CLK)
Transition time, VIN[x]B_CLK (10%-90%)
2.64
ns
tsu(DE-CLK)
tsu(VSYNC-CLK)
Input setup time, control valid to VIN[x]B_CLK high/low
3.11
4
tsu(FLD-CLK)
ns
tsu(HSYNC-CLK)
tsu(D-CLK)
Input setup time, data valid to VIN[x]B_CLK high/low
3.11
th(CLK-DE)
th(CLK-VSYNC)
Input hold time, control valid from VIN[x]B_CLK high/low
-0.5
5
th(CLK-FLD)
ns
th(CLK-HSYNC)
th(CLK-D)
Input hold time, data valid from VIN[x]B_CLK high/low
-0.5
(1)
For maximum frequency of 165 MHz.
202
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com