Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 201 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 201 Page - Texas Instruments

Back Button DM385 Datasheet HTML 197Page - Texas Instruments DM385 Datasheet HTML 198Page - Texas Instruments DM385 Datasheet HTML 199Page - Texas Instruments DM385 Datasheet HTML 200Page - Texas Instruments DM385 Datasheet HTML 201Page - Texas Instruments DM385 Datasheet HTML 202Page - Texas Instruments DM385 Datasheet HTML 203Page - Texas Instruments DM385 Datasheet HTML 204Page - Texas Instruments DM385 Datasheet HTML 205Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
8.10 High-Definition Video Processing Subsystem (HDVPSS)
The device High-Definition Video Processing Subsystem (HDVPSS) provides a video input interface for
external imaging peripherals (for example, image sensors, video decoders, and more) and a video output
interface for display devices, such as analog SDTV and HDTV displays, digital HDTV displays, digital LCD
panels, and more. It includes HD and SD video encoders and an HDMI transmitter interface.
The device HDVPSS features include:
•
Two display processing pipelines with de-interlacing, scaling, alpha blending, chroma keying, color
space conversion, flicker filtering, and pixel format conversion.
•
HD/SD compositor features for PIP support.
•
Format conversions (up to 1080p 60 Hz) include scan format conversion, scan rate conversion, aspect-
ratio conversion, and frame size conversion.
•
Supports additional video processing capabilities by using the subsystem's memory-to-memory feature.
•
Two parallel video processing pipelines support HD (up to 1080p60) and SD (NTSC/PAL)
simultaneous outputs.
–
HD analog component output with OSD and embedded timing codes (BT.1120)
•
3-channel HD-DAC with 10-bit resolution.
•
External HSYNC and VSYNC signals.
–
SD analog output with OSD with embedded timing codes (BT.656)
•
Composite output
•
1-channel SD-DAC with 10-bit resolution
•
Options available to support MacroVision and CGMS-A (contact local TI Sales rep for
information).
–
Digital HDMI 1.3a-compliant transmitter (for details, see Section 8.9, High-Definition Multimedia
Interface (HDMI)).
–
One digital video output supporting up to 30-bits @ 165 MHz
–
One digital video output supporting up to 24-bits @ 165 MHz
–
Supports clock inversion for VOUT[0] and VOUT[1] clock signals.
•
Two independently configurable external video input capture ports (up to 165 MHz).
–
16/24-bit HD digital video input or dual clock independent 8-bit SD inputs on each capture port.
–
8/16/24-bit digital video input
–
8-bit digital video input
–
Embedded sync and external sync modes are supported for all input configurations (VIN1 Port B
supports embedded sync only).
–
De-multiplexing of both pixel-to-pixel and line-to-line multiplexed streams, effectively supporting up
to 16 simultaneous SD inputs with a glueless interface to an external multiplexer such as the
TVP5158.
–
Additional
features
include:
programmable
color
space
conversion,
scaler
and
chroma
downsampler, ancillary VANC/VBI data capture (decoded by software).
•
Graphics features:
–
Three independently-generated graphics layers.
–
Each supports full-screen resolution graphics in HD, SD or both.
–
Up/down scaler optimized for graphics.
–
Global and pixel-level alpha blending supported.
For more detailed information on specific features and registers, see the High Definition Video Processing
Subsystem chapter in the device-specific Technical Reference Manual.
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
201
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com