Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 113 Page - Texas Instruments

Back Button DM385 Datasheet HTML 109Page - Texas Instruments DM385 Datasheet HTML 110Page - Texas Instruments DM385 Datasheet HTML 111Page - Texas Instruments DM385 Datasheet HTML 112Page - Texas Instruments DM385 Datasheet HTML 113Page - Texas Instruments DM385 Datasheet HTML 114Page - Texas Instruments DM385 Datasheet HTML 115Page - Texas Instruments DM385 Datasheet HTML 116Page - Texas Instruments DM385 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
4.2.5
SPI Boot
Table 4-6 lists the device pins that are configured by the ROM for the SPI boot mode.
Table 4-6. Pins Used in SPI Bootmode
SIGNAL NAME
PIN NO.
TYPE
SPI[0]_SCS[0]
G29
I/O
SPI[0]_D[0] (MISO)
J28
I/O
SPI[0]_D[1] (MOSI)
J27
I/O
SPI[0]_SCLK
N24
I/O
4.2.6
Ethernet PHY Mode Selection
When the EMAC bootmode is selected, via the BTMODE[4:0] pins (see Table 4-1), Table 4-7 shows the
sampled value of BTMODE[9:8] pins and the Ethernet PHY Mode selection.
Table 4-9 shows the signal names (pin functions) and the associated pin numbers selected in each
particular EMAC mode.
Table 4-7. EMAC PHY Mode Selection
ETHERNET PHY MODE
BTMODE[9:8]
SELECTION
00b
MII/GMII
01b
RMII
10b
RGMII
11b
RESERVED
Table 4-8. RGMII Internal Delay Selection
RGMII INTERNAL DELAY
BTMODE[7]
SELECTION
0b
Internal Delay Enabled
1b
Internal Delay Disabled
Table 4-9. Pins Used in EMAC[0] MII/GMII, RGMII, and RMII Boot Modes
SIGNAL NAMES
PIN NO.
MII/GMII
TYPE
RGMII
TYPE
RMII
TYPE
Output
AG1
DEFAULT
DEFAULT
EMAC_RMREFCLK
only
AH1
EMAC[0]_MCOL
I
EMAC[0]_RGRXCTL
I
EMAC[0]_RMRXD[0]
I
AH2
EMAC[0]_MCRS
I
EMAC[0]_RGRXD[2]
I
EMAC[0]_RMRXD[1]
I
AL6
EMAC[0]_GMTCLK
O
DEFAULT
DEFAULT
AK1
EMAC[0]_MRCLK
I
EMAC[0]_RGTXC
O
EMAC[0]_RMCRSDV
I
AK2
EMAC[0]_MRXD[0]
I
EMAC[0]_RGTXD[0]
O
EMAC[0]_RMTXD[0]
O
AL2
EMAC[0]_MRXD[1]
I
EMAC[0]_RGRXD[0]
I
EMAC[0]_RMTXD[1]
O
AL3
EMAC[0]_MRXD[2]
I
EMAC[0]_RGRXD[1]
I
EMAC[0]_RMTXEN
O
AK3
EMAC[0]_MRXD[3]
I
DEFAULT
DEFAULT
AK4
EMAC[0]_MRXD[4]
I
EMAC[0]_RGRXD[3]
I
DEFAULT
AJ4
EMAC[0]_MRXD[5]
I
EMAC[0]_RGTXD[3]
O
DEFAULT
AL5
EMAC[0]_MRXD[6]
I
EMAC[0]_RGTXD[2]
O
DEFAULT
Copyright © 2013, Texas Instruments Incorporated
Device Configurations
113
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com