Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 115 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 115 Page - Texas Instruments

Back Button DM385 Datasheet HTML 111Page - Texas Instruments DM385 Datasheet HTML 112Page - Texas Instruments DM385 Datasheet HTML 113Page - Texas Instruments DM385 Datasheet HTML 114Page - Texas Instruments DM385 Datasheet HTML 115Page - Texas Instruments DM385 Datasheet HTML 116Page - Texas Instruments DM385 Datasheet HTML 117Page - Texas Instruments DM385 Datasheet HTML 118Page - Texas Instruments DM385 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
4.3
Pin Multiplexing Control
Device level pin multiplexing is controlled on a pin-by-pin basis by the MUXMODE bits of the PINCNTL1 –
PINCNTL270 registers in the Control Module.
Pin multiplexing selects which one of several peripheral pin functions controls the pin's I/O buffer output
data values. Table 4-12 shows the peripheral pin functions associated with each MUXMODE setting for all
multiplexed pins. The default pin multiplexing control for almost every pin is to select MUXMODE = 0x0, in
which case the pin's I/O buffer is 3-stated.
In most cases, the input from each pin is routed to all of the peripherals that share the pin, regardless of
the MUXMODE setting. However, in some cases a constant "0" or "1" value is routed to the associated
peripheral when its peripheral function is not selected to control any output pin. For more details on the
De-Selected Input State (DSIS), see the columns of each Terminal Functions table (Section 3.3, Terminal
Functions).
Some peripheral pin functions can be routed to more than one device pin. These types of peripheral pin
functions are called Multimuxed and may have different Switching Characteristics and Timing
Requirements for each device pin option.
For more detailed information on the Pin Control 1 through Pin Control 270 (PINCNTLx) registers
breakout, see Figure 4-1 and Table 4-12.
Figure 4-1. PINCNTL1 – PINCNTL270 (PINCNTLx) Registers Breakout
31
24
23
20
19
18
17
16
RESERVED
RESERVED
RSV
RSV
PLLTY
PLLU
PESE
DEN
L
R - 0000 0000
R - 0000
R/W
15
8
7
0
RESERVED
MUXMODE[7:0]
R - 0000 0000
R/W - 0000 0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 4-12. PINCNTL1 – PINCNTL270 (PINCNTLx) Registers Bit Descriptions
Bit
Field
Description
Comments
31:20
RESERVED
Reserved. Read only, writes have no effect.
Reserved. This bit must always be written with the
19
RSV
reset (default) value.
18
RSV
Reserved. This field must always be written as "1".
Pullup/Pulldown Type Selection bit
For PINCNTLx register reset value
17
PLLTYPSEL
0 = Pulldown (PD) selected
examples, see Table 4-13,
1 = Pullup (PU) selected
PNICNTLx Register Reset Value
Examples.
Pullup/Pulldown Enable bit
For the full register reset values of all
16
PLLUDEN
0 = PU/PD enabled
PINCNTLx registers.
1 = PU/PD disabled
15:8
RESERVED
Reserved. Read only, writes have no effect.
MUXMODE Selection bits
7:0
MUXMODE[7:0]
These bits select the multiplexed mode pin function
settings. Values other than those are illegal.
Copyright © 2013, Texas Instruments Incorporated
Device Configurations
115
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com