Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 119 Page - Texas Instruments

Back Button DM385 Datasheet HTML 115Page - Texas Instruments DM385 Datasheet HTML 116Page - Texas Instruments DM385 Datasheet HTML 117Page - Texas Instruments DM385 Datasheet HTML 118Page - Texas Instruments DM385 Datasheet HTML 119Page - Texas Instruments DM385 Datasheet HTML 120Page - Texas Instruments DM385 Datasheet HTML 121Page - Texas Instruments DM385 Datasheet HTML 122Page - Texas Instruments DM385 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 280 page
background image
UART 0/1/2
I2C 0/1/2/3
DMTimer 1/2/3/4/5/6/7/8
SPI 0/1/2/3
GPIO 0/1/2/3
McASP 0/1 CFG
MMCSD 0/1
ELM
RTC
WDT 0/1
Mailbox
Spinlock
HDVPSS
HDMIPHY
PLLSS
Control Module
PRCM
SmartReflex 0/1
OCPWP
SYNCTIMER32K
MCASP 0/1 Data
GPMC
HDMI
USB
L3S Interconnect
100 MHz (Note 1)
L3F/L3Mid
Interconnect
200 MHz (Note 1)
(Note1)
(Note 1)
PCIe
MEDIACTL
OCMC SRAM
128b
128b
32b
32b
32b
32b
32b
32b
32b
32b
64b
64b
64b
Note 1: The frequencies specified are for 100% OPP.
EDMATC RD 2/3
EDMATC WR 2/3
HDVICP2
HDVPSS (2 I/F)
ISS
L3F
Initiators
L3F
Initiators
L3F
Initiators
L3F
Initiators
ARM Cortex
A8
L3F
Targets
L3F
Targets
L3S
Targets
L4F Targets
L4S Targets
L4F
Interconnect
200MHz
L4S
Interconnect
100MHz
PCIe
MEDIACTL
EMAC SW
FD
DAP
ISS
MMCSD 2
HDVICP 2 CFG
EDMATC 0/1/2/3
EDMACC
DEBUGSS
EMAC SW
DMM
DDR
128b
128b
HDVICP2 SL2
128b
L3F
Targets
1 I/F
8 I/F
2 I/F
3 I/F
3 I/F
JTAG
USB2.0 (2 I/F)
3 I/F
2 I/F
1 I/F
10 I/F
2 I/F
2 I/F
5 I/F
42 I/F
1 I/F
128b
EDMATC RD 0/1
EDMATC WR 0/1
4 I/F
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
5
System Interconnect
The device’s various processors, subsystems, and peripherals are interconnected through a switch fabric
architecture. The switch fabric is composed of an L3 and L4 interconnect, a switched central resource
(SCR), and multiple bridges (for an overview, see Figure 5-1). Not all Initiators in the switch fabric are
connected to all Target peripherals. The supported initiator and target connections are designated by a "X"
in Table 5-1, Target/Initiator Connectivity.
Figure 5-1. System Interconnect
Copyright © 2013, Texas Instruments Incorporated
System Interconnect
119
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com