Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 116 Page - Texas Instruments

Back Button DM385 Datasheet HTML 112Page - Texas Instruments DM385 Datasheet HTML 113Page - Texas Instruments DM385 Datasheet HTML 114Page - Texas Instruments DM385 Datasheet HTML 115Page - Texas Instruments DM385 Datasheet HTML 116Page - Texas Instruments DM385 Datasheet HTML 117Page - Texas Instruments DM385 Datasheet HTML 118Page - Texas Instruments DM385 Datasheet HTML 119Page - Texas Instruments DM385 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 4-13. PINCNTLx Register Reset Value Examples
HEX
PINCNTLx
Bits 31:24
Bits 23:20
Bit 19
Bit 18
Bit 17
Bit 16
Bits 15:8
Bits 7:0
REGISTER
ADDRESS
REGISTER
RESET
RESERVED
RESERVED
RESERVED
RXACTIVE
PLLTYPESEL
PLLUDEN
RESERVED
MUXMODE[7:0]
RANGE
NAME
VALUE
0x4814 0800
PINCNTL1
00h
0h
0
1
1
0
00h
00h
0x0006 0000
0x4814 0804
PINCNTL2
00h
0h
1
1
1
0
00h
00h
0x000E 0000
0x4814 0808
PINCNTL3
00h
0h
1
1
1
0
00h
00h
0x000E 0000
…
0x4814 0C34
PINCNTL270
00h
0h
1
1
0
0
00h
00h
0x000C 0000
116
Device Configurations
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com