Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 141 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 141 Page - Texas Instruments

Back Button DM385 Datasheet HTML 137Page - Texas Instruments DM385 Datasheet HTML 138Page - Texas Instruments DM385 Datasheet HTML 139Page - Texas Instruments DM385 Datasheet HTML 140Page - Texas Instruments DM385 Datasheet HTML 141Page - Texas Instruments DM385 Datasheet HTML 142Page - Texas Instruments DM385 Datasheet HTML 143Page - Texas Instruments DM385 Datasheet HTML 144Page - Texas Instruments DM385 Datasheet HTML 145Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
•
Power-On Reset (asserted after the BTMODE[11] pin is latched)
•
External Warm Reset (asserted after the BTMODE[11] pin is latched)
•
Emulation Warm Reset
•
Software Global Cold/Warm Reset
The RSTOUT_WD_OUT pin remains asserted until the PRCM releases the host ARM Cortex-A8
processor for reset.
7.3.15 Effect of Reset on Emulation & Trace
The device Emulation & Trace Logic will only be reset by the following sources:
•
Power-On Reset
•
Software Global Cold Reset
•
Test Reset
Other than these three reset types, none of the other resets will affect the Emulation and Trace Logic.
However, the multiplexing of the EMU[4:2] pins is reset by all system reset types except Test Reset.
7.3.16 Reset During Power Domain Switching
Each Power Domain has a dedicated Warm Reset and Cold Reset. Warm Reset for a Power Domain is
asserted under either of the following two conditions:
1. An External Warm Reset, Emulation Warm Reset, or Software Global Warm Reset occurs
2. When that Power Domain switches from the "ON" state to the "OFF" state
Cold Reset for a Power Domain is asserted under either of the following two conditions:
1. Power-On Reset or Software Global Cold Reset occurs
2. When that Power Domain switches from the "OFF" state to the "ON" state
7.3.17 Pin Behaviors at Reset
When any reset, other than Test Reset, (all described in Section 7.3.1, System-Level Reset Sources) is
asserted, all device I/O pins are reset into a Hi-Z state except for:
•
Emulation Pins. These pins are only put into a Hi-Z state when Test Reset (TRST) is asserted.
•
EMAC Switch Pins. These pins are always put into a Hi-Z state during Power-On Reset. However,
some EMAC Switch pins will not be put into a Hi-Z state during the other reset modes when the
ISO_CONTROL bit in the RESET_ISO register of the Control Module is programmed as a "1". For
more details, see the description of the RESET_ISO register in the Control Module chapter in the
device-specific Technical Reference Manual.
•
RSTOUT_WD_OUT Pin during any reset types except for POR and RESET. For more detailed
information on RSTOUT_WD_OUT pin behavior, see Section 7.3.14, RSTOUT_WD_OUT Pin.
•
DDR[0] Address/Control Pins (CLK, CLK, CKE, WE, CS[0], RAS, CAS, ODT[0], RST, BA[2:0], A[15:0]).
These pins are 3-stated during reset. However, these pins are then driven to the same value as their
internal pull resistor reset value when reset is released.
In addition, the PINCNTL registers, which control pin multiplexing, enabling the IPUs/IPDs, and enabling
the receiver, are reset to their default state. Again, enabling the EMAC Switch reset isolation prevents
some PINCNTL registers from being reset.
For details on EMAC Switch reset isolation, see the descriptions of the RESET_ISO register and the
PINCNTL registers in the Control Module chapter in the device-specific Technical Reference Manual.
Internal pull-up/down (IPU/IPD) resistors are enabled during and immediately after reset as described in
Section 3.3, Terminal Functions of this document.
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
141
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com