Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 137 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 137 Page - Texas Instruments

Back Button DM385 Datasheet HTML 133Page - Texas Instruments DM385 Datasheet HTML 134Page - Texas Instruments DM385 Datasheet HTML 135Page - Texas Instruments DM385 Datasheet HTML 136Page - Texas Instruments DM385 Datasheet HTML 137Page - Texas Instruments DM385 Datasheet HTML 138Page - Texas Instruments DM385 Datasheet HTML 139Page - Texas Instruments DM385 Datasheet HTML 140Page - Texas Instruments DM385 Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
7.3
Reset
7.3.1
System-Level Reset Sources
The device has several types of system-level resets. Table 7-7 lists these reset types, along with the reset
initiator, and the effects of each reset on the device.
Table 7-7. System-Level Reset Types
RESETS ALL
MODULES,
EXCLUDING EMAC
ASSERTS
RESETS EMAC
RESETS
PLL AND CLOCK
LATCHES
TYPE
INITIATOR
SWITCH,
RSTOUT_WD_OUT
SWITCH
EMULATION
CONFIG
BOOT PINS
EMULATION, PLL
PIN
AND CLOCK
CONFIG
Power-on Reset (POR)
POR pin
Yes
Yes
Yes
Yes
Yes
Optional
(1) (2)
External Warm Reset
RESET pin
Yes
Optional
(3)
No
No
Yes
Optional
(1) (2)
On-Chip Emulation
Emulation Warm Reset
Yes
Optional
(3)
No
No
No
Optional
(1)
Logic
Watchdog Reset
Watchdog Timer
Yes
Optional
(3)
No
No
No
Yes
Software Global Cold Reset
Software
Yes
Optional
(3)
Yes
Yes
No
Optional
(1)
Software Global Warm Reset
Software
Yes
Optional
(3)
No
No
No
Optional
(1)
Test Reset
TRST pin
No
No
Yes
No
No
No
(1)
RSTOUT_WD_OUT pin asserted only if BTMODE[11] was latched as "0" when coming out of reset.
(2)
While POR and/or RESET is asserted, the RSTOUT_WD_OUT pin is 3-stated and the internal pull resistor is disabled; therefore, an
external pullup/pulldown can be used to set the state of this pin (high/low) while POR and/or RESET is asserted. For more detailed
information on external PUs/PDs, see Section 4.5.1, Pullup/Pulldown Resistors.
(3)
EMAC Switch is NOT reset when the ISO_CONTROL bit in the RESET_ISO Control Module register is set to "1".
7.3.2
Power-on Reset (POR pin)
Power-on Reset (POR) is initiated by the POR pin and is used to reset the entire chip, including the Test
and Emulation logic, and the EMAC Switch. POR is also referred to as a cold reset since it is required to
be asserted when the device goes through a power-up cycle. However, a device power-up cycle is not
required to initiate a Power-on Reset.
The following sequence must be followed during a Power-on Reset:
1. Wait for the power supplies to reach normal operating conditions while keeping the POR pin asserted.
2. Wait for the input clock sources DEV_CLKIN, AUX_CLKIN, and SERDES_CLKN/P to be stable (if
used by the system) while keeping the POR pin asserted (low).
3. Once the power supplies and the input clock sources are stable, the POR pin must remain asserted
(low) [see Section 7.3.18, Reset Electrical Data/Timing]. Within the low period of the POR pin, the
following happens:
(a) All pins except Emulation pins enter a Hi-Z mode and the associated pulls, if applicable, will be
enabled.
(b) The PRCM asserts reset to all modules within the device.
(c) The PRCM begins propagating these clocks to the chip with the PLLs in BYPASS mode.
4. The POR pin may now be de-asserted (driven high). When the POR pin is de-asserted (high):
(a) The BTMODE[15:0] pins are latched.
(b) Reset to the ARM Cortex-A8 and Modules without a local processor is de-asserted.
(c) RSTOUT_WD_OUT is briefly asserted if BTMODE[11] was latched as "0".
(d) The clock, reset, and power-down state of each peripheral is determined by the default settings of
the PRCM.
(e) The ARM Cortex-A8 begins executing from the Boot ROM.
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
137
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com