Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 135 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 135 Page - Texas Instruments

Back Button DM385 Datasheet HTML 131Page - Texas Instruments DM385 Datasheet HTML 132Page - Texas Instruments DM385 Datasheet HTML 133Page - Texas Instruments DM385 Datasheet HTML 134Page - Texas Instruments DM385 Datasheet HTML 135Page - Texas Instruments DM385 Datasheet HTML 136Page - Texas Instruments DM385 Datasheet HTML 137Page - Texas Instruments DM385 Datasheet HTML 138Page - Texas Instruments DM385 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 280 page
background image
CVDD_x
CVDD
8
3.3 V Supplies
V Delta
(A)
1.8 V Supplies
(Excluding DVDD_DDR[x])
7
1.35 V/1.5 V/1.8 V DVDD_DDR[0]
CVDD, CVDD_x
3.3 V Supplies
(DVDD, DVDD_x, DVDD_C, VDDA_x_3P3)
1.8 V Supplies
(DVDD, DVDD_x, VDDA_x_1P8,
VDDA_1P8)
6
5
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Figure 7-2. Power-Down Sequence
A.
V Delta Max = 2 V.
Figure 7-3. 3.3 V Supplies Falling After 1.8 V Supplies Delta
Figure 7-4. CVDD and CVDD_x Power-Down Sequence
7.2.9
Power-Supply Decoupling
7.2.9.1
Analog and PLL
PLL and Analog supplies benefit from filters or ferrite beads to keep the noise from causing problems. The
minimum recommendation is a ferrite bead along with at least one capacitor on the device side of the
bead. An additional recommendation is to add one capacitor just before the bead to form a Pi filter. The
filter needs to be as close as possible to the device pin, with the device side capacitor being the most
important component to be close to the device pin. PLL pins close together can be combined on the same
supply, but analog pins should all have their own filters. PLL pins farther away from each other may need
their own filtered supply.
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
135
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com