Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 132 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 132 Page - Texas Instruments

Back Button DM385 Datasheet HTML 128Page - Texas Instruments DM385 Datasheet HTML 129Page - Texas Instruments DM385 Datasheet HTML 130Page - Texas Instruments DM385 Datasheet HTML 131Page - Texas Instruments DM385 Datasheet HTML 132Page - Texas Instruments DM385 Datasheet HTML 133Page - Texas Instruments DM385 Datasheet HTML 134Page - Texas Instruments DM385 Datasheet HTML 135Page - Texas Instruments DM385 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
7.2.5
Dual Voltage I/Os
The device supports dual voltages on some of its I/Os. These I/Os are partitioned into the following
groups, and each group has its own dedicated supply pins: DVDD, DVDD_GPMC, DVDD_C, and
DVDD_SD. The supply voltage for each group can be independently powered with either 1.8 V or 3.3 V.
For the mapping between pins and power groups, see Section 3.3, Terminal Functions of the datasheet.
In addition, the I/O voltage on the DDR interface is independently selectable between 1.35 V, 1.5 V or
1.8 V to support various DDR device types.
7.2.6
I/O Power-Down Modes
On the device, there are power-down modes available for the following PHYs:
•
Video DACs
•
DDR
•
USB
•
HDMI
•
CSI2
•
PCIE
When a PHY controller is in a power domain that is to be turned "OFF", software must configure the
corresponding PHY into power-down mode, prior to putting the power domain in the "OFF" state.
132
Power, Reset, Clocking, and Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com