Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 131 Page - Texas Instruments

Back Button DM385 Datasheet HTML 127Page - Texas Instruments DM385 Datasheet HTML 128Page - Texas Instruments DM385 Datasheet HTML 129Page - Texas Instruments DM385 Datasheet HTML 130Page - Texas Instruments DM385 Datasheet HTML 131Page - Texas Instruments DM385 Datasheet HTML 132Page - Texas Instruments DM385 Datasheet HTML 133Page - Texas Instruments DM385 Datasheet HTML 134Page - Texas Instruments DM385 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 7-3. Device Operating Points (OPPs)
CORE LOGIC VOLTAGE DOMAINS
ARM
HDVICP2
CORE
L3/L4,
Cortex A8
HDVPSS
ISS
Media Ctlr.
DDR
OPP
HDVICP2
Core
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)(1)
(MHz)
100%(1.1 V)
600
220
200
400
200
200
400
(AAR0x)(2)
120% (1.2 V)
720
290
200
400
200
200
400
(AAR0x)
Turbo (1.35 V)
970
410
240
480
240
240
533
(AAR1x)
Nitro (1.35 V)
1000
450
260
560
280
240
533
(AAR2x)
(1)
All DDR access must be suspended prior to changing the DDR frequency of operation.
(2)
OPP100 is currently supported only on DM388 commercial temperature devices.
Although the OPP for each Core Logic Voltage Domain is independently selectable, not all combinations
of OPPs are supported. Table 7-4 marks the supported ARM OPPs for a given CORE OPP.
Table 7-4. Supported OPP Combinations(1)
ARM
HDVICP2
CORE
Nitro
Turbo
OPP120
OPP100(2)
Nitro
Turbo
OPP120
OPP100(2)
Nitro
X
X
Turbo
X
X
OPP120
X
X
X
X
OPP100(2)
X
X
(1)
"X" denotes supported combinations.
(2)
OPP100 is currently only supported on DM388 commercial temperature devices.
7.2.2.2
Adaptive Voltage Scaling [Currently Not Supported]
As mentioned in Section 7.2.2.1, Dynamic Voltage Frequency Scaling (DVFS) above, every OPP has an
associated voltage range. Based on the silicon process, temperature, and chosen OPP, the SmartReflex
modules guide software in adjusting the Core Logic Voltage Domain supply voltage (CVDD) within these
ranges. This technique is called Adaptive Voltage Scaling (AVS). AVS occurs continuously and in real-
time, helping to minimize power consumption in response to changing operating conditions.
7.2.3
Memory Power Management
In order to reduce SRAM leakage, many SRAM blocks can be switched from ACTIVE mode to
SHUTDOWN mode. When SRAM is put in SHUTDOWN mode, the voltage supplied to it is automatically
removed and all data in that SRAM is lost.
All SRAM located in a switchable power domain (all domains except ALWAYS_ON) automatically enters
SHUTDOWN mode whenever its associated power domain goes into the "OFF" state. The SRAM returns
to the ACTIVE state when the corresponding Power Domain returns to the "ON" state.
In addition, the following SRAM within the ALWAYS_ON Power Domain can also be independently put
into SHUTDOWN by programming the x_MEM_PWRDN registers in the Control Module:
•
Media Controller SRAM
•
OCMC SRAM
7.2.4
SERDES_CLKP/N LDO
The SERDES_CLKP/N input buffers are powered by an internal LDO which is programmed through the
REFCLK_LJCBLDO_CTRL register in the Control Module.
Copyright © 2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
131
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com