Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 127 Page - Texas Instruments

Back Button DM385 Datasheet HTML 123Page - Texas Instruments DM385 Datasheet HTML 124Page - Texas Instruments DM385 Datasheet HTML 125Page - Texas Instruments DM385 Datasheet HTML 126Page - Texas Instruments DM385 Datasheet HTML 127Page - Texas Instruments DM385 Datasheet HTML 128Page - Texas Instruments DM385 Datasheet HTML 129Page - Texas Instruments DM385 Datasheet HTML 130Page - Texas Instruments DM385 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
6.4
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Low/Full speed: USBx_DM
2.8
VDDA_USB_3P
V
and USBx_DP
3
High speed: USBx_DM and
360
440
mV
USBx_DP
High-level output voltage,
3.3 V, DVDDx = MIN,
2.4
V
LVCMOS(2) (3.3-V I/O)
IOH = MAX
High-level output voltage,
1.8 V, DVDDx = MIN,
1.26
V
LVCMOS(2) (1.8-V I/O)
IOH = MAX
VOH
High-level output voltage,
1.8 V, IOL = 6mA, 50
DVDD_DDR[0] -
V
DDR[0] signals in DDR2
ohm load
0.4
mode
HIgh-level output voltage,
1.5 V, IOL = 6mA, 50
DVDD_DDR[0] -
V
DDR[0] signals in DDR3
ohm load
0.4
mode
HIgh-level output voltage,
1.35 V, IOL = 6mA, 50
DVDD_DDR[0] -
V
DDR[0] signals in DDR3L
ohm load
0.4
mode
Low/Full speed: USBx_DM
0.0
0.3
V
and USBx_DP
High speed: USBx_DM and
-10
10
mV
USBx_DP
Low-level output voltage,
3.3 V, DVDDx = MAX,
0.4
V
LVCMOS(2) (3.3-V I/O)
IOL = MAX
Low-level output voltage,
1.8 V, DVDDx = MAX,
0.4
V
LVCMOS(2) (1.8-V I/O)
IOL = MAX
Low-level output voltage, I2C 1.8/3.3 V, IOL = 4mA
0.4
V
VOL
(I2C[0], I2C[1])
Low-level output voltage,
1.8 V, IOL = 6mA, 50
DDR[0] signals in DDR2
ohm load
0.4
V
mode
Low-level output voltage,
1.5 V, IOL = 6mA, 50
DDR[0] signals in DDR3
ohm load
0.4
V
mode
Low-level output voltage,
1.35 V, IOL = 6mA, 50
DDR[0] signals in DDR3L
ohm load
0.4
V
mode
LDOs (applies to all
1.5
V
LDOCAP_x pins)
(1)
For test conditions shown as MIN, MAX, or TYP, use the appropriate value specified in the recommended operating conditions table.
(2)
LVCMOS pins are all I/O pins powered by DVDD, DVDD_GPMC, DVDD_RGMII, DVDD_SD, DVDD_C supplies except for I2C[0] and
I2C[1] pins.
Copyright © 2013, Texas Instruments Incorporated
Device Operating Conditions
127
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com