Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 126 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 126 Page - Texas Instruments

Back Button DM385 Datasheet HTML 122Page - Texas Instruments DM385 Datasheet HTML 123Page - Texas Instruments DM385 Datasheet HTML 124Page - Texas Instruments DM385 Datasheet HTML 125Page - Texas Instruments DM385 Datasheet HTML 126Page - Texas Instruments DM385 Datasheet HTML 127Page - Texas Instruments DM385 Datasheet HTML 128Page - Texas Instruments DM385 Datasheet HTML 129Page - Texas Instruments DM385 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
6.3
Reliability Data
(1)
The information in this table is provided solely for convenience and does not extend or modify the warranty provided under
TI's standard terms and conditions for TI semiconductor products.
Operating Condition
CVDD(2)
CVDD_ARM(2)
CVDD_HDVICP(2)
Commercial
Lifetime (POH)(3)
Junction Temp.
(TJ)
Nitro
1.35 V ± 5%
1.35 V ± 5%
1.35 V ± 5%
95ºC
55K
Turbo
1.35 V ± 5%
1.35 V ± 5%
1.35 V ± 5%
95ºC
59K
OPP120
1.20 V ± 5%
1.20 V ± 5%
1.20 V ± 5%
95ºC
100K
OPP100(4)
1.10 V ± 5%
1.10 V ± 5%
1.10 V ± 5%
95ºC
100K
(1)
Logic functions and parameter values are not ensured out of the range specified in the recommended operating conditions. The above
notations cannot be deemed a warranty or deemed to extend or modify the warranty under TI's standard terms and conditions for TI
semiconductor products.
(2)
Voltage specification at the device package pin.
(3)
Power-on-hours (POH) represent device operation under the specified nominal conditions continuously for the duration of the calculated
lifetime. If actual application results in a system that operates at conditions less than the limits, the resulting POH may increase.
(4)
OPP100 is currently supported only on DM388 commercial temperature devices.
126
Device Operating Conditions
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com