Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 128 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 128 Page - Texas Instruments

Back Button DM385 Datasheet HTML 124Page - Texas Instruments DM385 Datasheet HTML 125Page - Texas Instruments DM385 Datasheet HTML 126Page - Texas Instruments DM385 Datasheet HTML 127Page - Texas Instruments DM385 Datasheet HTML 128Page - Texas Instruments DM385 Datasheet HTML 129Page - Texas Instruments DM385 Datasheet HTML 130Page - Texas Instruments DM385 Datasheet HTML 131Page - Texas Instruments DM385 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating Temperature
(Unless Otherwise Noted) (continued)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
Input current, LVCMOS(2),
0 < VI < DVDDx, 3.3 V
-20
20
µA
3.3 V mode
pull disabled
0 < VI < DVDDx, 3.3 V
20
100
300
µA
pulldown enabled(4)
0 < VI < DVDDx, 3.3 V
-20
-100
-300
µA
pullup enabled(4)
Input current, LVCMOS(2),
0 < VI < DVDDx, 1.8 V
-5
5
µA
II
(3)
1.8 V mode
pull disabled
0 < VI < DVDDx, 1.8 V
50
100
200
µA
pulldown enabled(4)
0 < VI < DVDDx, 1.8 V
-50
-100
-200
µA
pullup enabled(4)
Input current, I2C (I2C[0],
3.3 V mode
-20
20
µA
I2C[1])
1.8 V mode
-5
5
µA
3.3 V mode, pull
-300
300
µA
enabled
3.3 V mode, pull
-20
20
µA
disabled
IOZ
(5)
I/O Off-state output current
1.8 V mode, pull
-200
200
µA
enabled
1.8 V mode, pull
-5
5
µA
disabled
Input capacitance
12
pF
CI
LVCMOS(2)
Output capacitance
12
pF
Co
LVCMOS(2)
(3)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(4)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
(5)
IOZ applies to output-only pins, indicating off-state (Hi-Z) output leakage current.
128
Device Operating Conditions
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com