Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 125 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385 Datasheet(HTML) 125 Page - Texas Instruments

Back Button DM385 Datasheet HTML 121Page - Texas Instruments DM385 Datasheet HTML 122Page - Texas Instruments DM385 Datasheet HTML 123Page - Texas Instruments DM385 Datasheet HTML 124Page - Texas Instruments DM385 Datasheet HTML 125Page - Texas Instruments DM385 Datasheet HTML 126Page - Texas Instruments DM385 Datasheet HTML 127Page - Texas Instruments DM385 Datasheet HTML 128Page - Texas Instruments DM385 Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Recommended Operating Conditions (continued)
PARAMETER
MIN
NOM
MAX
UNIT
High-level input voltage, LVCMOS (JTAG[TCK] pins), 3.3
2
V
V(2)
High-level input voltage, JTAG[TCK], 3.3 V
2.15
V
High-level input voltage, JTAG[TCK], 1.8 V
1.45
V
High-level input voltage, I2C (I2C[0] and I2C[1])
0.7DVDD
V
High-level input voltage, LVCMOS(2), 1.8 V
0.65DVDDx
V
VIH
High-level input voltage, DDR[0] signals in DDR2 mode
VREFSSTL_DDR[x]
V
+ 0.125
High-level input voltage, DDR[0] signals in DDR3 mode
VREFSSTL_DDR[x]
V
+ 0.1
High-level input voltage, DDR[0] signals in DDR3L mode
VREFSSTL_DDR[x]
V
+ 0.09
Low-level input voltage, LVCMOS(2), 3.3 V
0.8
V
Low-level input voltage, JTAG[TCK]
0.45
V
Low-level input voltage, I2C (I2C[0] and I2C[1])
0.3DVDDx
V
Low-level input voltage, LVCMOS(2), 1.8 V
0.35DVDDx
V
Low-level input voltage, DDR[0] signals in DDR2 mode
VREFSSTL_DDR[x]
VIL
V
- 0.125
Low-level input voltage, DDR[0] signals in DDR3 mode
VREFSSTL_DDR[x]
V
- 0.1
Low-level input voltage, DDR[0] signals in DDR3L mode
VREFSSTL_DDR[x]
V
- 0.09
High-level output current
6 mA I/O buffers
-6
mA
IOH
DDR[0] buffer @ 50-
Ω
-8
mA
impedance setting
Low-level output current
6 mA I/O buffers
6
mA
IOL
DDR[0] buffer @ 50-
Ω
8
mA
impedance setting
VID
Differential input voltage (SERDES_CLKN/P), [AC coupled]
0.250
2.0
V
Transition time, 10% - 90%, All inputs (unless otherwise
tt
specified in the Electrical Data/Timing sections of each
0.25P or 10(4)
ns
peripheral)
Operating junction temperature
Commercial
TJ
0
95
°C
range(5)
Temperature (default)
Extended temperature
-40
95
°C
(4)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
(5)
For more detailed information on estimating junction temps within systems, see the IC Package Thermal Metrics Application Report
(Literature Number: SPRA953).
Copyright © 2013, Texas Instruments Incorporated
Device Operating Conditions
125
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com